Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Z80181 Datasheet (PDF) - Zilog, Inc.

Z80181 Datasheet PDF - Zilog, Inc.
Part # Z80181
Download  Z80181 Download
File Size   540.55 Kbytes
Page   74 Pages
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.
Description SMART ACCESS CONTROLLER (SAC??

Z80181 Datasheet (PDF)

Go To PDF Page Download Datasheet
Z80181 Datasheet PDF - Zilog, Inc.

Part # Z80181
Download  Z80181 Click to download

File Size   540.55 Kbytes
Page   74 Pages
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.
Description SMART ACCESS CONTROLLER (SAC??

Z80181 Datasheet (HTML) - Zilog, Inc.


Z80181 Product details

GENERAL DESCRIPTION
The Z80181 SAC™ Smart Access Controller (hereinafter, referred to as Z181 SAC) is a sophisticated 8-bit CMOS microprocessor that combines a Z180-compatible MPU (Z181 MPU), one channel of Z85C30 Serial Communication Controller (SCC), a Z80 CTC, two 8-bit general-purpose parallel ports, and two chip select signals, into a single 100-pin Quad Flat Pack (QFP) package (Figures 1 and 2). Created using Zilogs patented Superintegration™ methodology of combining proprietary IC cores and cells, this high-end intelligent peripheral controller is well-suited for a broad range of intelligent communication control applications such as terminals, printers, modems, and slave communication processors for 8-, 16- and 32- bit MPU based systems.

FEATURES
■ Z80180 Compatible MPU Core with 1 Channel of Z85C30 SCC, Z80 CTC, Two 8-Bit General-Purpose Parallel Ports, and Two Chip Select Signals.
■ High Speed Operation (10 MHz)
■ Low Power Consumption in Two Operating Modes:
   - (TBD) mA Typ. (Run Mode)
   - (TBD) mA Typ. (STOP Mode)
■ Wide Operational Voltage Range (5V ±10%)
■ TTL/CMOS Compatible
■ Clock Generator
■ One Channel of Z85C30 Serial Communication Controller (SCC)
■ Z180 Compatible MPU Core Includes:
   - Enhanced Z80 CPU Core
   - Memory Management Unit (MMU) Enables Access to 1MB of Memory
   - Two Asynchronous Channels
   - Two DMA Channels
   - Two 16-Bit Timers
   - Clocked Serial I/O Port
■ On-Board Z84C30 CTC
■ Two 8-Bit General-Purpose Parallel Ports
■ Memory Configurable RAM and ROM Chip Select Pins
■ 100-Pin QFP Package




Similar Part No. - Z80181

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
Z80181 ZILOG-Z80181 Datasheet
1Mb / 326P
Z8018x Family MPU
Z80181 ZILOG-Z80181 Datasheet
1Mb / 326P
Family MPU
More results


Similar Description - Z80181

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC68450 MOTOROLA-MC68450 Datasheet
930Kb / 36P
Direct Memory Access Controller
logo
STMicroelectronics
L6668 STMICROELECTRONICS-L6668 Datasheet
671Kb / 23P
SMART PRIMARY CONTROLLER
May-2005
logo
Infineon Technologies A...
PEB3086 INFINEON-PEB3086 Datasheet
3Mb / 262P
ISDN SUBSCRIBER ACCESS CONTROLLER
Jan. 2003 V 1.4
logo
Hitachi Semiconductor
HD6844 HITACHI-HD6844 Datasheet
4Mb / 33P
Direct Memory Access Controller
logo
National Semiconductor ...
NS32203-10 NSC-NS32203-10 Datasheet
940Kb / 29P
DIRECT MEMORY ACCESS CONTROLLER
logo
Digital Core Design
DMAC DCD-DMAC Datasheet
136Kb / 4P
Media Access Controller
logo
STMicroelectronics
L6668 STMICROELECTRONICS-L6668_06 Datasheet
717Kb / 23P
SMART PRIMARY CONTROLLER
13-Jan-2006
logo
Infineon Technologies A...
TLE8386EL INFINEON-TLE8386EL Datasheet
1Mb / 26P
Smart Boost Controller
Rev. 1.0, 2009-11-30
logo
Pericom Semiconductor C...
PT8A3514A PERICOM-PT8A3514A Datasheet
279Kb / 8P
Smart Iron Controller
logo
Moxa Inc.
WAC-1001 MOXA-WAC-1001 Datasheet
817Kb / 2P
Industrial wireless access controller
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com