Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Z86C61 Datasheet (PDF) - Zilog, Inc.

Z86C61 Datasheet PDF - Zilog, Inc.
Part # Z86C61
Download  Z86C61 Download
File Size   388.26 Kbytes
Page   46 Pages
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.
Description CMOS Z8 MICROCONTROLLER

Z86C61 Datasheet (PDF)

Go To PDF Page Download Datasheet
Z86C61 Datasheet PDF - Zilog, Inc.

Part # Z86C61
Download  Z86C61 Click to download

File Size   388.26 Kbytes
Page   46 Pages
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.
Description CMOS Z8 MICROCONTROLLER

Z86C61 Datasheet (HTML) - Zilog, Inc.


Z86C61 Product details

GENERAL DESCRIPTION
The Z86C61/62/96 microcontroller is a member of the Z8 single-chip microcontroller family with 16 Kbytes of ROM and 256 bytes of RAM. The Z86C96 is ROMless. The Z86C61 is offered in 40-pin DIP and 44-pin PLCC style packages, however, the ROMless pin option is available on the 44-pin version only. The Z86C62/96 is offered in 64-pin DIP and 68-pin PLCC style packages. A ROMless pin option enables these MCUs to address both external memory and preprogrammed ROM, making them well suited for high-volume applications or where code flexibil ity is required.

FEATURES
■ 8-Bit CMOS Microcontroller
■ 40-Pin DIP, 44-Pin PLCC, 64-Pin DIP, or 68-Pin PLCC Package
■ 32 Input/Output Lines (Z86C61 Only)
■ 52 Input/Output Lines (Z86C62 and Z86C96)
■ 3.0V to 5.5V Operating Range
■ Low Power Consumption: 200 mW (max)
■ Fast Instruction Pointer: 0.75 µs @ 16 MHz
■ Two Standby Modes: STOP and HALT
■ Full-Duplex UART
■ All Digital Inputs are TTL Levels
■ Auto Latches
■ RAM and ROM Protect
■ 16 Kbytes of ROM
■ 256 Bytes of RAM
■ Two Programmable 8-Bit Counter/Timers, Each with 6-Bit Programmable Prescaler
■ Six Vectored, Priority Interrupts from Eight Different Sources
■ Clock Speeds: 16 and 20 MHz
■ On-Chip Oscillator that Accepts a Crystal, Ceramic Resonator, LC, or External Clock Drive




Similar Part No. - Z86C61

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
Z86C60 ZILOG-Z86C60 Datasheet
58Kb / 7P
CMOS Z8 32KROMMICROCONTROLLER
Z86C63 ZILOG-Z86C63 Datasheet
143Kb / 17P
CMOS Z8 32K ROM MICROCONTROLLER
Z86C64 ZILOG-Z86C64 Datasheet
143Kb / 17P
CMOS Z8 32K ROM MICROCONTROLLER
Z86C65 ZILOG-Z86C65 Datasheet
58Kb / 7P
CMOS Z8 32KROMMICROCONTROLLER
Z86C66 ZILOG-Z86C66 Datasheet
279Kb / 10P
CMOS Z8 16K ROM Microcontroller
More results


Similar Description - Z86C61

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
Z86C27 ZILOG-Z86C27 Datasheet
125Kb / 9P
CMOS Z8 MICROCONTROLLER
Z86C96 ZILOG-Z86C96 Datasheet
124Kb / 11P
CMOS Z8 MICROCONTROLLER
Z86C47 ZILOG-Z86C47 Datasheet
106Kb / 8P
CMOS Z8 MICROCONTROLLER
Z86E21 ZILOG-Z86E21 Datasheet
162Kb / 12P
CMOS Z8 OTP MICROCONTROLLER
Z86E23 ZILOG-Z86E23 Datasheet
71Kb / 6P
CMOS Z8 OTP MICROCONTROLLER
Z86E47 ZILOG-Z86E47 Datasheet
111Kb / 8P
CMOS Z8 8BIT MICROCONTROLLER
Z86E64 ZILOG-Z86E64 Datasheet
91Kb / 12P
CMOS Z8 OTP Microcontroller
Z86C11 ZILOG-Z86C11 Datasheet
658Kb / 21P
CMOS Z8 Microcontroller
Z86E02SL1925 ZILOG-Z86E02SL1925 Datasheet
75Kb / 18P
CMOS Z8 OTP MICROCONTROLLER
Z86E22 ZILOG-Z86E22 Datasheet
276Kb / 10P
CMOS Z8 OTP MICROCONTROLLER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com