Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Z86C64 Datasheet (PDF) - Zilog, Inc.

Z86C64 Datasheet PDF - Zilog, Inc.
Part # Z86C64
Download  Z86C64 Download
File Size   143.11 Kbytes
Page   17 Pages
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.
Description CMOS Z8 32K ROM MICROCONTROLLER

Z86C64 Datasheet (PDF)

Go To PDF Page Download Datasheet
Z86C64 Datasheet PDF - Zilog, Inc.

Part # Z86C64
Download  Z86C64 Click to download

File Size   143.11 Kbytes
Page   17 Pages
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.
Description CMOS Z8 32K ROM MICROCONTROLLER

Z86C64 Datasheet (HTML) - Zilog, Inc.


Z86C64 Product details

GENERAL DESCRIPTION
The Z86C63/64 microcontroller introduces a new level of sophistication to single-chip architecture. The Z86C63/64 is a member of the Z8 single-chip microcontroller family with 32 Kbytes of ROM and 256 bytes of RAM.
   
The Z86C63 is housed in a 40-pin DIP, and a 44-pin PLCC package, and is manufactured in CMOS technology. The ROMless pin option is available on the 44-pin version only. The Z86C64 is housed in a 64-pin DIP, and a 68-pin PLCC. Both versions of the Z86C64 have the ROMless pin option, which allows both external memory and preprogrammed ROM, enabling this Z8 microcontroller to be used in highvolume applications or where code flexibility is required. The Z86C96 ROMless Z8 will support the Z86C63/64.
   




Similar Part No. - Z86C64

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
Z86C60 ZILOG-Z86C60 Datasheet
58Kb / 7P
CMOS Z8 32KROMMICROCONTROLLER
Z86C61 ZILOG-Z86C61 Datasheet
388Kb / 46P
CMOS Z8 MICROCONTROLLER
Z86C6116PSC ZILOG-Z86C6116PSC Datasheet
388Kb / 46P
CMOS Z8 MICROCONTROLLER
Z86C6116VSC ZILOG-Z86C6116VSC Datasheet
388Kb / 46P
CMOS Z8 MICROCONTROLLER
Z86C62 ZILOG-Z86C62 Datasheet
388Kb / 46P
CMOS Z8 MICROCONTROLLER
More results


Similar Description - Z86C64

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
Z86C27 ZILOG-Z86C27 Datasheet
125Kb / 9P
CMOS Z8 MICROCONTROLLER
Z86C21 ZILOG-Z86C21 Datasheet
413Kb / 35P
8K ROM Z8 CMOS MICROCONTROLLER
Z86C96 ZILOG-Z86C96 Datasheet
124Kb / 11P
CMOS Z8 MICROCONTROLLER
Z86C47 ZILOG-Z86C47 Datasheet
106Kb / 8P
CMOS Z8 MICROCONTROLLER
Z86C61 ZILOG-Z86C61 Datasheet
388Kb / 46P
CMOS Z8 MICROCONTROLLER
Z86E47 ZILOG-Z86E47 Datasheet
111Kb / 8P
CMOS Z8 8BIT MICROCONTROLLER
Z86E61 ZILOG-Z86E61 Datasheet
466Kb / 44P
CMOS Z8 16K/32K EPROM MICROCONTROLLER
Z86C11 ZILOG-Z86C11 Datasheet
658Kb / 21P
CMOS Z8 Microcontroller
Z86C66 ZILOG-Z86C66 Datasheet
279Kb / 10P
CMOS Z8 16K ROM Microcontroller
Z86E6116PSC ZILOG-Z86E6116PSC Datasheet
2Mb / 69P
Z86E61/Z86E63 CMOS Z8 16K/32K EPROM Microcontroller
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com