Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Z86C21 Datasheet (PDF) - Zilog, Inc.

Z86C21 Datasheet PDF - Zilog, Inc.
Part # Z86C21
Download  Z86C21 Download
File Size   413.83 Kbytes
Page   35 Pages
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.
Description 8K ROM Z8 CMOS MICROCONTROLLER

Z86C21 Datasheet (PDF)

Go To PDF Page Download Datasheet
Z86C21 Datasheet PDF - Zilog, Inc.

Part # Z86C21
Download  Z86C21 Click to download

File Size   413.83 Kbytes
Page   35 Pages
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.
Description 8K ROM Z8 CMOS MICROCONTROLLER

Z86C21 Datasheet (HTML) - Zilog, Inc.


Z86C21 Product details

GENERAL DESCRIPTION
The Z86C21 microcontroller is a member of the Z8 single-chip microcontroller family with 8 Kbytes of ROM and 236 bytes of RAM. The device is packaged in a 40-pin DIP, 44-pin PLCC, or a 44-pin QFP with a ROMless pin option available on the 44-pin versions only. With the ROM/ROMless feature selectively, the Z86C21 offers both external memory and preprogrammed ROM, making it wellsuited for high-volume applications or where code flexibility is required.
   
FEATURES
■ 8-Bit CMOS MCU with 8 Kbytes of ROM
■ 256 Byte Register File
    - 236 Bytes of General-Purpose RAM
    - 16 Bytes Control/Status Registers
    - 4 Bytes for Ports
■ 40-Pin DIP, 44-Pin PLCC or 44-Pin QFP Package
■ 4.5V to 5.5V Operating Range
■ Low Power Consumption: 220 mW (max) @ 16 MHz
■ Fast instruction pointer: 1.0 µs @ 12 MHz
■ Two Standby Modes: STOP and HALT
■ 32 Input/Output Lines
    FEATURES
■ Full-Duplex UART
■ All Digital Inputs are TTL Levels
■ Auto Latches
■ RAM and ROM Protect
■ Two Programmable 8-Bit Counter/Timers each with
    6-Bit Programmable Prescaler.
■ Six Vectored, Priority Interrupts from Eight Different
    Sources
■ Clock Speeds: 12 and 16 MHz
■ On-Chip Oscillator that Accepts a Crystal, Ceramic
    Resonator, LC, or External Clock Drive.
   




Similar Part No. - Z86C21

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
Z86C27 ZILOG-Z86C27 Datasheet
125Kb / 9P
CMOS Z8 MICROCONTROLLER
Z86C28 ZILOG-Z86C28 Datasheet
403Kb / 13P
CMOS 8-Bit Low-Cost 4K-ROM Microcontrollers
More results


Similar Description - Z86C21

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
Z86C27 ZILOG-Z86C27 Datasheet
125Kb / 9P
CMOS Z8 MICROCONTROLLER
Z86233 ZILOG-Z86233 Datasheet
122Kb / 18P
CMOS Z8 8K ROM CONSUMER CONTROLLER PROCESSOR
Z86C96 ZILOG-Z86C96 Datasheet
124Kb / 11P
CMOS Z8 MICROCONTROLLER
Z86C47 ZILOG-Z86C47 Datasheet
106Kb / 8P
CMOS Z8 MICROCONTROLLER
Z86C61 ZILOG-Z86C61 Datasheet
388Kb / 46P
CMOS Z8 MICROCONTROLLER
Z86C63 ZILOG-Z86C63 Datasheet
143Kb / 17P
CMOS Z8 32K ROM MICROCONTROLLER
Z86E23 ZILOG-Z86E23 Datasheet
71Kb / 6P
CMOS Z8 OTP MICROCONTROLLER
Z86E47 ZILOG-Z86E47 Datasheet
111Kb / 8P
CMOS Z8 8BIT MICROCONTROLLER
Z86C11 ZILOG-Z86C11 Datasheet
658Kb / 21P
CMOS Z8 Microcontroller
Z86C66 ZILOG-Z86C66 Datasheet
279Kb / 10P
CMOS Z8 16K ROM Microcontroller
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com