Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Z86233 Datasheet (PDF) - Zilog, Inc.

Z86233 Datasheet PDF - Zilog, Inc.
Part # Z86233
Download  Z86233 Download
File Size   122.2 Kbytes
Page   18 Pages
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.
Description CMOS Z8 8K ROM CONSUMER CONTROLLER PROCESSOR

Z86233 Datasheet (PDF)

Go To PDF Page Download Datasheet
Z86233 Datasheet PDF - Zilog, Inc.

Part # Z86233
Download  Z86233 Click to download

File Size   122.2 Kbytes
Page   18 Pages
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.
Description CMOS Z8 8K ROM CONSUMER CONTROLLER PROCESSOR

Z86233 Datasheet (HTML) - Zilog, Inc.


Z86233 Product details

GENERAL DESCRIPTION
The Z86233/243 Consumer Controller Processor is a member of Zilogs Z8® single-chip microcontroller family featuring enhanced wake-up circuitry, programmable Watch-Dog timers and low-EMI options. The parts provide flexible and efficient growth paths for designers currently using the 4K ROM versions of the consumer controller devices (Z86C30/C40/C33/C43).
   
FEATURES   
■ 3.0-to 5.5-Volt Operating Range
■ Low-Power Consumption: 40 mW (Typical @5.0V)
■ 0°C to +70°C Temperature Range
    (–40°C to +105°C Temperature Range Available)
■ Three Expanded Register File Control Registers
■ Z86C33/C43 Pin and Package Compatible Version
    (With Addition of 4K ROM)   
■ 32 Input/Output Lines (Three with Comparator Inputs)
    (Z86243 Only)
■ Vectored, Prioritized Interrupts with Programmable
    Polarity
■ Two Comparators
■ Two Programmable 8-Bit Counter/Timers, Each
    with a 6-Bit Programmable Prescaler
■ Watch-Dog Timer (WDT)/Power-On Reset (POR)
■ On-Chip Oscillator that Accepts a Crystal, Ceramic
    Resonator, LC, RC, or External Clock Drive
■ RAM and ROM Protect
■ Clock Free Watch-Dog Timer (WDT) Reset
   




Similar Part No. - Z86233

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
Z86230 ZILOG-Z86230 Datasheet
890Kb / 61P
ADVANCED VIOLENCE BLOCKING AND NTSC 21 XDS
Z8623012PSC ZILOG-Z8623012PSC Datasheet
890Kb / 61P
ADVANCED VIOLENCE BLOCKING AND NTSC 21 XDS
Z8623012SSC ZILOG-Z8623012SSC Datasheet
890Kb / 61P
ADVANCED VIOLENCE BLOCKING AND NTSC 21 XDS
Z8623012SSG ZILOG-Z8623012SSG Datasheet
1Mb / 61P
ADVANCED PROGRAM BLOCKING AND NTSC LINE 21 XDS DECODER
More results


Similar Description - Z86233

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
Z86116 ZILOG-Z86116 Datasheet
60Kb / 9P
CMOS Z8 PN MODULATOR WIRELESS CONTROLLER
Z86C21 ZILOG-Z86C21 Datasheet
413Kb / 35P
8K ROM Z8 CMOS MICROCONTROLLER
Z86C30 ZILOG-Z86C30 Datasheet
128Kb / 17P
CMOS Z8 CONSUMER CONTROLLER PROCESSOR
Z86C33 ZILOG-Z86C33 Datasheet
114Kb / 16P
CMOS Z8 CONSUMER CONTROLLER PROCESSOR
Z86C63 ZILOG-Z86C63 Datasheet
143Kb / 17P
CMOS Z8 32K ROM MICROCONTROLLER
Z86C95 ZILOG-Z86C95 Datasheet
147Kb / 18P
CMOS Z8 DIGITAL SIGNAL PROCESSOR (DSP)
Z86L33 ZILOG-Z86L33 Datasheet
223Kb / 16P
CMOS Z8 CONSUMER CONTROLLER PROCESSOR
Z87233 ZILOG-Z87233 Datasheet
868Kb / 71P
CMOS Z8-R MCU Consumer Controller Processor
Z86C66 ZILOG-Z86C66 Datasheet
279Kb / 10P
CMOS Z8 16K ROM Microcontroller
Z87C33 ZILOG-Z87C33 Datasheet
862Kb / 72P
CMOS Z8짰 MCU Consumer Controller Processor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com