Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Z86116 Datasheet (PDF) - Zilog, Inc.

Z86116 Datasheet PDF - Zilog, Inc.
Part # Z86116
Download  Z86116 Download
File Size   60.39 Kbytes
Page   9 Pages
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.
Description CMOS Z8 PN MODULATOR WIRELESS CONTROLLER

Z86116 Datasheet (PDF)

Go To PDF Page Download Datasheet
Z86116 Datasheet PDF - Zilog, Inc.

Part # Z86116
Download  Z86116 Click to download

File Size   60.39 Kbytes
Page   9 Pages
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.
Description CMOS Z8 PN MODULATOR WIRELESS CONTROLLER

Z86116 Datasheet (HTML) - Zilog, Inc.


Z86116 Product details

GENERAL DESCRIPTION
The Z86116 Wireless Controller is a member of the Z8® single-chip microcontroller family based on Zilog’s 8-bit microcontroller core. The Z86116 is designed with specific features for wireless spread spectrum applications using direct sequence pseudo-noise (PN) modulation.
Three address spaces, the Program Memory, Register File, and Expanded Register File (ERF), support a wide range of memory configurations. Through the ERF, the designer has access to three additional control registers that provide extra peripheral devices, I/O ports, and register addresses.
For applications demanding powerful I/O capabilities, the Z86116s dedicated input and output lines are grouped into two ports, and are configurable under software control to provide timing, status signals, or parallel I/O.

FEATURES
■ 18-Pin DIP and SOIC Packages
■ 3.0- to 5.5-Volt Operating Range
■ Low-Power Consumption
■ 0° to +70°C Temperature Range
■ Expanded Register File (ERF)
■ On-Chip PN Modulator for Spread Spectrum Communications
■ 12 Input/Output Lines (One with Comparator Input)
■ Vectored, Prioritized Interrupts With Programmable Polarity
■ Analog Comparator
■ Two Programmable 8-Bit Counter/Timers Each with Two 6-Bit Programmable Prescalers
■ Watch-Dog Timer (WDT)/Power-On Reset (POR)
■ On-Chip Oscillator that Accepts a RC, or External Clock Drive
■ Low-Voltage Protection / Low-EMI Option




Similar Part No. - Z86116

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
Z8611600ZEM ZILOG-Z8611600ZEM Datasheet
212Kb / 5P
ICEBOX FAMILY Z8 IN-CIRCUIT EMULATOR - 116
More results


Similar Description - Z86116

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
Z86C27 ZILOG-Z86C27 Datasheet
125Kb / 9P
CMOS Z8 MICROCONTROLLER
Z86233 ZILOG-Z86233 Datasheet
122Kb / 18P
CMOS Z8 8K ROM CONSUMER CONTROLLER PROCESSOR
Z86C30 ZILOG-Z86C30 Datasheet
128Kb / 17P
CMOS Z8 CONSUMER CONTROLLER PROCESSOR
Z86C33 ZILOG-Z86C33 Datasheet
114Kb / 16P
CMOS Z8 CONSUMER CONTROLLER PROCESSOR
Z86C47 ZILOG-Z86C47 Datasheet
106Kb / 8P
CMOS Z8 MICROCONTROLLER
Z86C61 ZILOG-Z86C61 Datasheet
388Kb / 46P
CMOS Z8 MICROCONTROLLER
Z86L33 ZILOG-Z86L33 Datasheet
223Kb / 16P
CMOS Z8 CONSUMER CONTROLLER PROCESSOR
Z87233 ZILOG-Z87233 Datasheet
868Kb / 71P
CMOS Z8-R MCU Consumer Controller Processor
Z86C11 ZILOG-Z86C11 Datasheet
658Kb / 21P
CMOS Z8 Microcontroller
Z86E15 ZILOG-Z86E15 Datasheet
700Kb / 26P
CMOS Z8 8-Bit OTP Keyboad Controller
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com