Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Z86C21 Datasheet(PDF) 2 Page - Zilog, Inc.

Part # Z86C21
Description  8K ROM Z8 CMOS MICROCONTROLLER
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z86C21 Datasheet(HTML) 2 Page - Zilog, Inc.

  Z86C21 Datasheet HTML 1Page - Zilog, Inc. Z86C21 Datasheet HTML 2Page - Zilog, Inc. Z86C21 Datasheet HTML 3Page - Zilog, Inc. Z86C21 Datasheet HTML 4Page - Zilog, Inc. Z86C21 Datasheet HTML 5Page - Zilog, Inc. Z86C21 Datasheet HTML 6Page - Zilog, Inc. Z86C21 Datasheet HTML 7Page - Zilog, Inc. Z86C21 Datasheet HTML 8Page - Zilog, Inc. Z86C21 Datasheet HTML 9Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 35 page
background image
\2
Z86C21 MCU
WITH
8K ROM
GENERAL DESCRIPTION (Continued)
To unburden the program from coping with the real-time
tasks, such as counting/timing and serial data communi-
cation, the Z86C21 offers two on-chip counter/timers with
a large number of user selectable modes, and an on-board
UART.
Port 3
UART
Counter/
Timers
(2)
Interrupt
Control
Port 2
I/O
(Bit Programmable)
ALU
FLAGS
Register
Pointer
Register File
256 x 8-Bit
Machine Timing and
Instruction Control
Prg. Memory
8192 x 8-Bit
Program
Counter
Vcc
GND
XTAL
44
Port 0
Output
Input
Address or I/O
(Nibble Programmable)
8
Port 1
Address/Data or I/O
(Byte Programmable)
/AS /DS R//W /RESET
Figure 1. Z86C21 Functional Block Diagram
Notes:
All Signals with a preceding front slash, "/", are active Low, e.g.,
B//W (WORD is active Low); /B/W (BYTE is active Low, only).
Power connections follow conventional descriptions below:
Connection
Circuit
Device
Power
V
CC
V
DD
Ground
GND
V
SS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com