Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Z86C21 Datasheet(PDF) 13 Page - Zilog, Inc.

Part # Z86C21
Description  8K ROM Z8 CMOS MICROCONTROLLER
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z86C21 Datasheet(HTML) 13 Page - Zilog, Inc.

Back Button Z86C21 Datasheet HTML 9Page - Zilog, Inc. Z86C21 Datasheet HTML 10Page - Zilog, Inc. Z86C21 Datasheet HTML 11Page - Zilog, Inc. Z86C21 Datasheet HTML 12Page - Zilog, Inc. Z86C21 Datasheet HTML 13Page - Zilog, Inc. Z86C21 Datasheet HTML 14Page - Zilog, Inc. Z86C21 Datasheet HTML 15Page - Zilog, Inc. Z86C21 Datasheet HTML 16Page - Zilog, Inc. Z86C21 Datasheet HTML 17Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 35 page
background image
13
Z86C21 MCU
WITH
8K ROM
Register File. The Register File consists of four I/O port
registers, 236 general-purpose registers and 16 control
and status registers (Figure 12). The instructions can
access registers directly or indirectly through an 8-bit
address field. The Z86C21 also allows short 4-bit register
addressing using the Register Pointer (Figure 13). In the
4-bit mode, the Register File is divided into 16 working
The upper nibble of the register file address
provided by the register pointer specifies
the active working-register group.
r7
r6
r5
r4
R253
(Register Pointer)
I/O Ports
Specified Working
Register Group
The lower nibble
of the register
file address
provided by the
instruction points
to the specified
register.
r3
r2
r1
r0
Register Group 1
Register Group 0
R15 to R0
Register Group F
R15 to R4
R3 to R0
R15 to R0
•
•
•
•
•
FF
F0
0F
00
1F
10
2F
20
•
•
•
•
•
•
•
•
•
Stack Pointer (Bits 7-0)
R255
Stack Pointer (Bits 15-8)
Register Pointer
Program Control Flags
Interrupt Mask Register
Interrupt Request Register
Interrupt Priority Register
Ports 0-1 Mode
Port 3 Mode
Port 2 Mode
T0 Prescaler
Timer/Counter0
T1 Prescaler
Timer/Counter1
Timer Mode
Serial I/O
General-Purpose
Registers
Port 3
Port 2
Port 1
Port 0
R254
R253
R252
R251
R250
R249
R248
R247
R246
R245
R244
R243
R242
R241
R240
R239
R3
R2
R1
R0
SPL
SPH
RP
FLAGS
IMR
IRQ
IPR
P01M
P3M
P2M
PRE0
T0
PRE1
T1
TMR
SIO
P3
P2
P1
P0
R4
LOCATION
IDENTIFIERS
register groups, each occupying 16 continuous locations.
The Register Pointer addresses the starting location of the
active working-register group. For the reset and power-up
conditions of the Register File, see Figure 14.
Note: Register Bank E0-EF can only be accessed through
working registers and indirect addressing modes.
Figure 12. Register File
Figure 13. Register Pointer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com