Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Z86C21 Datasheet(PDF) 35 Page - Zilog, Inc.

Part # Z86C21
Description  8K ROM Z8 CMOS MICROCONTROLLER
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z86C21 Datasheet(HTML) 35 Page - Zilog, Inc.

Back Button Z86C21 Datasheet HTML 27Page - Zilog, Inc. Z86C21 Datasheet HTML 28Page - Zilog, Inc. Z86C21 Datasheet HTML 29Page - Zilog, Inc. Z86C21 Datasheet HTML 30Page - Zilog, Inc. Z86C21 Datasheet HTML 31Page - Zilog, Inc. Z86C21 Datasheet HTML 32Page - Zilog, Inc. Z86C21 Datasheet HTML 33Page - Zilog, Inc. Z86C21 Datasheet HTML 34Page - Zilog, Inc. Z86C21 Datasheet HTML 35Page - Zilog, Inc.  
Zoom Inzoom in Zoom Outzoom out
 35 / 35 page
background image
35
Z86C21 MCU
WITH
8K ROM
ORDERING INFORMATION
Z86C21
12 MHz
40-pin DIP
44-pin PLCC
44-pin QFP
Z86C2112PSC
Z86C2112VSC
Z86C2112FSC
Z86C2112PEC
Z86C2112VEC
Z86C2112FEC
Example:
Z 89C21 12 P S C
Environmental Flow
Temperature
Package
Speed
Product Number
Zilog Prefix
is a Z89C21, 12 MHz, DIP, 0
°C to +70°C, Plastic Standard Flow
16 MHz
40-pin DIP
44-pin PLCC
44-pin QFP
Z86C2116PSC
Z86C2116VSC
Z86C2116FSC
Zilog’s products are not authorized for use as critical compo-
nents in life support devices or systems unless a specific written
agreement pertaining to such intended use is executed between
the customer and Zilog prior to use. Life support devices or
systems are those which are intended for surgical implantation
into the body, or which sustains life whose failure to perform,
when properly used in accordance with instructions for use
provided in the labeling, can be reasonably expected to result in
significant injury to the user.
Zilog, Inc. 210 East Hacienda Ave.
Campbell, CA 95008-6600
Telephone (408) 370-8000
Telex 910-338-7621
FAX 408 370-8056
Internet: http://www.zilog.com
© 1995 by Zilog, Inc. All rights reserved. No part of this document
may be copied or reproduced in any form or by any means
without the prior written consent of Zilog, Inc. The information in
this document is subject to change without notice. Devices sold
by Zilog, Inc. are covered by warranty and patent indemnification
provisions appearing in Zilog, Inc. Terms and Conditions of Sale
only. Zilog, Inc. makes no warranty, express, statutory, implied or
by description, regarding the information set forth herein or
regarding the freedom of the described devices from intellectual
property infringement. Zilog, Inc. makes no warranty of mer-
chantability or fitness for any purpose. Zilog, Inc. shall not be
responsible for any errors that may appear in this document.
Zilog, Inc. makes no commitment to update or keep current the
information contained in this document.
For fast results, contact your local Zilog Sales Office for assistance in ordering the part desired.
CODES
Preferred Package
P = Plastic DIP
V = Plastic Chip Carrier
Longer Lead Time
F = Plastic Quad Flat Pack
Preferred Temperature
S = 0
°C to +70°C
Longer Lead Time
E = -40
°C to +105°C
Speeds
12 = 12 MHz
16 = 16 MHz
Environmental
C = Plastic Standard



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com