Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Z86C21 Datasheet(PDF) 29 Page - Zilog, Inc.

Part # Z86C21
Description  8K ROM Z8 CMOS MICROCONTROLLER
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z86C21 Datasheet(HTML) 29 Page - Zilog, Inc.

Back Button Z86C21 Datasheet HTML 25Page - Zilog, Inc. Z86C21 Datasheet HTML 26Page - Zilog, Inc. Z86C21 Datasheet HTML 27Page - Zilog, Inc. Z86C21 Datasheet HTML 28Page - Zilog, Inc. Z86C21 Datasheet HTML 29Page - Zilog, Inc. Z86C21 Datasheet HTML 30Page - Zilog, Inc. Z86C21 Datasheet HTML 31Page - Zilog, Inc. Z86C21 Datasheet HTML 32Page - Zilog, Inc. Z86C21 Datasheet HTML 33Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 35 page
background image
29
Z86C21 MCU
WITH
8K ROM
MODE
dst/src
OPC
dst
OPC
MODE
OPC
src
dst
OPC
VALUE
OPC
OPC
MODE
src/dst
dst/src
OPC
src/dst
dst/src
OPC
VALUE
dst
OPC
RA
dst/CC
7FH
FFH
6FH
OPC
dst
dst/src
1 1 1 0
dst
1 1 1 0
src
1 1 1 0
MODE
src
OPC
dst
MODE
dst
OPC
VALUE
OPC
src
MODE
dst
OPC
MODE
ADDRESS
x
dst/src
OPC
DAU
cc
DAL
DAU
DAL
OPC
src
1 1 1 0
dst
1 1 1 0
dst
1 1 1 0
src
1 1 1 0
dst
1 1 1 0
CLR, CPL, DA, DEC,
DECW, INC, INCW,
POP, PUSH, RL, RLC,
RR, RRC, SRA, SWAP
JP, CALL (Indirect)
OR
OR
OR
OR
OR
OR
OR
SRP
ADC, ADD, AND, CP,
OR, SBC, SUB, TCM,
TM, XOR
LD, LDE, LDEI,
LDC, LDCI
LD
LD
DJNZ, JR
STOP/HALT
LD
LD
JP
CALL
ADC, ADD, AND, CP,
LD, OR, SBC, SUB,
TCM, TM, XOR
ADC, ADD, AND, CP,
LD, OR, SBC, SUB,
TCM, TM, XOR
One-Byte Instructions
Two-Byte Instructions
Three-Byte Instructions
CCF, DI, EI, IRET, NOP,
RCF, RET, SCF
OR
INSTRUCTION FORMATS
INSTRUCTION SUMMARY
Note: Assignment of a value is indicated by the symbol
“
← ”. For example:
dst
← dst + src
indicates that the source data is added to the destination
data and the result is stored in the destination location. The
notation “addr (n)” is used to refer to bit (n) of a given
operand location. For example:
dst (7)
refers to bit 7 of the destination operand.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com