Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Z86E61 Datasheet (PDF) - Zilog, Inc.

Z86E61 Datasheet PDF - Zilog, Inc.
Part # Z86E61
Download  Z86E61 Download
File Size   466.62 Kbytes
Page   44 Pages
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.
Description CMOS Z8 16K/32K EPROM MICROCONTROLLER

Z86E61 Datasheet (PDF)

Go To PDF Page Download Datasheet
Z86E61 Datasheet PDF - Zilog, Inc.

Part # Z86E61
Download  Z86E61 Click to download

File Size   466.62 Kbytes
Page   44 Pages
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.
Description CMOS Z8 16K/32K EPROM MICROCONTROLLER

Z86E61 Datasheet (HTML) - Zilog, Inc.


Z86E61 Product details

GENERAL DESCRIPTION
The Z86E61/E63 microcontrollers are members of the Z8® single-chip microcontroller family with 16K/32 Kbytes of EPROM and 236 bytes of general-purpose RAM. Offered in 40-pin DIP or 44-pin PLCC package styles, these devices are pin-compatible EPROM versions of the Z86C61/63. The ROMless pin option is available on the 44-pin versions only.

FEATURES
■ 8-Bit CMOS Microcontroller
■ 40-Pin DIP, 44-Pin PLCC Style Packages
■ 4.5V to 5.5V Operating Range
■ Clock Speeds: 16 and 20 MHz
■ Low Power Consumption: 275 mW (max)
■ Fast Instruction Pointer: 1.0 ms @ 12 MHz
■ Two Standby Modes: STOP and HALT
■ 32 Input/Output Lines
■ Full-Duplex UART
■ All Digital Inputs are TTL Levels
■ Auto Latches
■ High Voltage Protection on High Voltage Inputs
■ RAM and EPROM Protect
■ EPROM: 16 Kbytes Z86E61
                   32 Kbytes Z86E63
■ 256 Bytes Register File
   - 236 Bytes of General-Purpose RAM
   - 16 Bytes of Control and Status Registers
   - 4 Bytes for Ports
■ Two Programmable 8-Bit Counter/Timers Each
   with 6-Bit Programmable Prescaler
■ Six Vectored, Priority Interrupts from Eight
   Different Sources
■ On-Chip Oscillator that Accepts a Crystal, Ceramic
   Resonator, LC, or External Clock Drive




Similar Part No. - Z86E61

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
Z86E6116PSC ZILOG-Z86E6116PSC Datasheet
2Mb / 69P
Z86E61/Z86E63 CMOS Z8 16K/32K EPROM Microcontroller
More results


Similar Description - Z86E61

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
Z86C27 ZILOG-Z86C27 Datasheet
125Kb / 9P
CMOS Z8 MICROCONTROLLER
Z86C96 ZILOG-Z86C96 Datasheet
124Kb / 11P
CMOS Z8 MICROCONTROLLER
Z86C47 ZILOG-Z86C47 Datasheet
106Kb / 8P
CMOS Z8 MICROCONTROLLER
Z86C61 ZILOG-Z86C61 Datasheet
388Kb / 46P
CMOS Z8 MICROCONTROLLER
Z86C63 ZILOG-Z86C63 Datasheet
143Kb / 17P
CMOS Z8 32K ROM MICROCONTROLLER
Z86E23 ZILOG-Z86E23 Datasheet
71Kb / 6P
CMOS Z8 OTP MICROCONTROLLER
Z86E47 ZILOG-Z86E47 Datasheet
111Kb / 8P
CMOS Z8 8BIT MICROCONTROLLER
Z86C11 ZILOG-Z86C11 Datasheet
658Kb / 21P
CMOS Z8 Microcontroller
Z86C66 ZILOG-Z86C66 Datasheet
279Kb / 10P
CMOS Z8 16K ROM Microcontroller
Z86E6116PSC ZILOG-Z86E6116PSC Datasheet
2Mb / 69P
Z86E61/Z86E63 CMOS Z8 16K/32K EPROM Microcontroller
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com