Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Z86C64 Datasheet(PDF) 2 Page - Zilog, Inc.

Part # Z86C64
Description  CMOS Z8 32K ROM MICROCONTROLLER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z86C64 Datasheet(HTML) 2 Page - Zilog, Inc.

  Z86C64 Datasheet HTML 1Page - Zilog, Inc. Z86C64 Datasheet HTML 2Page - Zilog, Inc. Z86C64 Datasheet HTML 3Page - Zilog, Inc. Z86C64 Datasheet HTML 4Page - Zilog, Inc. Z86C64 Datasheet HTML 5Page - Zilog, Inc. Z86C64 Datasheet HTML 6Page - Zilog, Inc. Z86C64 Datasheet HTML 7Page - Zilog, Inc. Z86C64 Datasheet HTML 8Page - Zilog, Inc. Z86C64 Datasheet HTML 9Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
2
Z86C63/64
CPS DC-5461-02
PRELIMINARY
GENERAL DESCRIPTION
Port 3
UART
Counter/
Timers
(2)
Interrupt
Control
Port 2
I/O
(Bit Programmable)
ALU
FLAGS
Register
Pointer
Register File
256 x 8-Bit
Machine Timing and
Instruction Control
Prg. Memory
32,768
x 8-Bit
Program
Counter
Vcc
GND
XTAL
44
Port 0
Output
Input
Address or I/O
(Nibble Programmable)
Port 1
8
Address/Data or I/O
(Byte Programmable)
/AS /DS R//W /RESET
Z86C63 Functional Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com