Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Z86C64 Datasheet(PDF) 13 Page - Zilog, Inc.

Part # Z86C64
Description  CMOS Z8 32K ROM MICROCONTROLLER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z86C64 Datasheet(HTML) 13 Page - Zilog, Inc.

Back Button Z86C64 Datasheet HTML 9Page - Zilog, Inc. Z86C64 Datasheet HTML 10Page - Zilog, Inc. Z86C64 Datasheet HTML 11Page - Zilog, Inc. Z86C64 Datasheet HTML 12Page - Zilog, Inc. Z86C64 Datasheet HTML 13Page - Zilog, Inc. Z86C64 Datasheet HTML 14Page - Zilog, Inc. Z86C64 Datasheet HTML 15Page - Zilog, Inc. Z86C64 Datasheet HTML 16Page - Zilog, Inc. Z86C64 Datasheet HTML 17Page - Zilog, Inc.  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
13
Z86C63/64
CPS DC-5461-02
PRELIMINARY
AC CHARACTERISTICS
External I/O or Memory Read and Write Timing
Z86C63/64 (20 MHz—Standard Mode Only[4])
T
A = 0°CTA = –40°C
to +70
°C
to +105
°C
20 MHz
20 MHz
No
Symbol
Parameter
Min
Max
Min
Max
Units
Notes
1
TdA(AS)
Address Valid to /AS rise Delay
15
25
ns
[2,3]
2
TdAS(A)
/AS rise to Address Float Delay
25
35
ns
[2,3]
3
TdAS(DR)
/AS rise to Read Data Req’d Valid
120
120
ns
[1,2,3]
4
TwAS
/AS Low Width
30
30
ns
[2,3]
5
TdAZ(DS)
Address Float to /DS fall
0
0
ns
6
TwDSR
/DS (Read) Low Width
105
105
ns
[1,2,3]
7
TwDSW
/DS (Write) Low Width
65
65
ns
[1,2,3]
8
TdDSR(DR)
/DS fall to Read Data Req’d Valid
55
55
ns
[1,2,3]
9
ThDR(DS)
Read Data to /DS rise Hold Time
0
0
ns
[2,3]
10
TdDS(A)
/DS rise to Address Active Delay
40
40
ns
[2,3]
11
TdDS(AS)
/DS rise to /AS fall Delay
25
25
ns
[2,3]
12
TdR/W(AS)
R//W Valid to /AS rise Delay
20
20
ns
[2,3]
13
TdDS(R/W)
/DS rise to R//W Not Valid
25
25
ns
[2,3]
14
TdDW(DSW)
Write Data Valid to /DS fall (Write) Delay
20
20
ns
[2,3]
15
TdDS(DW)
/DS rise to Write Data Not Valid Delay
25
25
ns
[2,3]
16
TdA(DR)
Address Valid to Read Data Req’d Valid
150
150
ns
[1,2,3]
17
TdAS(DS)
/AS rise to /DS fall Delay
35
35
ns
[2,3]
18
TdDM(AS)
/DM Valid to /AS rise Delay
15
15
ns
[2,3]
Notes:
[1] When using extended memory timing add 2 TpC.
[2] Timing numbers given are for minimum TpC.
[3] See clock cycle dependent characteristics table.
[4] Low EMI is not selected.
Standard Test Load
All timing references use 2.0 V for a logic 1 and 0.8 V for a logic 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com