Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Z87100 Datasheet (PDF) - Zilog, Inc.

Z87100 Datasheet PDF - Zilog, Inc.
Part # Z87100
Download  Z87100 Download
File Size   213.91 Kbytes
Page   48 Pages
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.
Description Wireless Transmitter

Z87100 Datasheet (PDF)

Go To PDF Page Download Datasheet
Z87100 Datasheet PDF - Zilog, Inc.

Part # Z87100
Download  Z87100 Click to download

File Size   213.91 Kbytes
Page   48 Pages
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.
Description Wireless Transmitter

Z87100 Datasheet (HTML) - Zilog, Inc.


Z87100 Product details

GENERAL DESCRIPTION
The Z87100 Wireless Controller is a member of the Z8® single-chip microcontroller family and is manufactured in CMOS technology. Zilog’s CMOS Z87100 microcontroller offers fast execution, efficient use of memory, sophisticated interrupts, input/output bit manipulation capabilities, and easy hardware/software system expansion along with low cost and low power consumption.
The Z87100 architecture is based on Zilog’s 8-bit microcontroller core with the addition of an Expanded Register File which allows access to register mapped peripheral and I/O circuits. The Z87100 offers a flexible I/O scheme and a number of ancillary features that are useful in many consumer, industrial, automotive, and advanced scientific applications.

FEATURES
■ 3.0V to 5.5V Operating Range
■ On-Chip PN Modulator for Spread Spectrum Communications
■ ROM-Programmable PN Codes, up to 256 Bits ("Chips")
■ Fast Instruction Pointer - 1.0 µs @ 12 MHz
■ Two Standby Modes - STOP and HALT
■ 12 Input/Output Lines (One with Comparator Input)
■ Two Programmable 8-Bit Counter/Timers
■ 6-Bit Programmable Prescaler
■ Six Vectored, Priority Interrupts (Two External, One Software Generated)
■ Maximum Clock Speed of 12 MHz
■ Watch-Dog/Power-On Reset Timer
■ Analog Comparator with Programmable Interrupt Polarity
■ On-Chip Oscillator that Accepts a RC, or External Clock Drive
■ Low EMI Noise Mode
■ 0° to +70°C Ultra-Low Power Operation at 10 kHz




Similar Part No. - Z87100

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
Z87000 ZILOG-Z87000 Datasheet
205Kb / 50P
Spread Spectrum Controllers
Z8700000ZEM ZILOG-Z8700000ZEM Datasheet
20Kb / 3P
Windows-Based User Interface
Z87001 ZILOG-Z87001 Datasheet
205Kb / 51P
ROMless Spread Spectrum Cordless Phone Controller
Z87010 ZILOG-Z87010 Datasheet
89Kb / 22P
Audio Encoder/Decoders
logo
Pepperl+Fuchs Inc.
Z872 PF-Z872 Datasheet
614Kb / 3P
Zener Barrier
More results


Similar Description - Z87100

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GL911TX ETC1-GL911TX Datasheet
131Kb / 10P
Wireless Mouse Transmitter Controller
logo
Texas Instruments
BQ500110 TI-BQ500110 Datasheet
567Kb / 21P
Wireless Power Transmitter Manager
logo
List of Unclassifed Man...
TX-F01 ETC2-TX-F01 Datasheet
269Kb / 5P
Wireless Remote Controller/Transmitter
TX-F02 ETC2-TX-F02 Datasheet
264Kb / 5P
Wireless Remote Controller/Transmitter
TX-F04-B1B2 ETC2-TX-F04-B1B2 Datasheet
346Kb / 5P
Wireless Remote Controller/Transmitter
logo
Integrated Device Techn...
P9235A-R IDT-P9235A-R Datasheet
1Mb / 23P
Wireless Power Transmitter
P9242-R IDT-P9242-R Datasheet
1Mb / 31P
Wireless Power Transmitter
logo
Semtech Corporation
TSDMTX-5V2-EVM SEMTECH-TSDMTX-5V2-EVM Datasheet
5Mb / 24P
Wireless Charging Transmitter
logo
Dorji Industrial Group ...
DRF5150S DORJI-DRF5150S Datasheet
251Kb / 10P
Wireless Sensor Transmitter Module
logo
Integrated Device Techn...
P9260 IDT-P9260 Datasheet
158Kb / 2P
15W Wireless Power Transmitter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com