Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Z87L01 Datasheet (PDF) - Zilog, Inc.

Z87L01 Datasheet PDF - Zilog, Inc.
Part # Z87L01
Download  Z87L01 Download
File Size   205.12 Kbytes
Page   51 Pages
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.
Description ROMless Spread Spectrum Cordless Phone Controller

Z87L01 Datasheet (PDF)

Go To PDF Page Download Datasheet
Z87L01 Datasheet PDF - Zilog, Inc.

Part # Z87L01
Download  Z87L01 Click to download

File Size   205.12 Kbytes
Page   51 Pages
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.
Description ROMless Spread Spectrum Cordless Phone Controller

Z87L01 Datasheet (HTML) - Zilog, Inc.


Z87L01 Product details

GENERAL DESCRIPTION
The Z87001 /Z87L01 FHSS Cordless Telephone Transceiver/Controller is expressly designed to implement a 900 MHz frequency hopping spread spectrum cordless telephone compliant with US FCC regulations for unlicensed operation. The Z87001 and Z87L01 are distinct 5V and 3.3V versions, respectively, of the core device. For the sake of brevity, all subsequent references to the Z87001 in this document also apply to the Z87L01 unless specifically noted.

FEATURES
■ Transceiver/Controller Chip Optimized for Implementation of 900 MHz Spread Spectrum Cordless Telephone
   – Adaptive Frequency Hopping
   – Transmit Power Control
   – Error Control Signaling
   – Handset Power Management
   – Support of 32 kbps ADPCM Speech Coding for High Voice Quality
■ DSP Core Acts as Phone Controller
   – Zilog-Provided Embedded Transceiver Software to Control Transceiver Operation and Base StationHandset Communications Protocol
   – User-Modifiable Software Governs Telephone Features
■ Transceiver Circuitry Provides Primary Cordless Phone Communications Functions
   – Digital Downconversion with Automatic Frequency Control (AFC) Loop
   – FSK Demodulator
   – FSK Modulator
   – Symbol Synchronizer
   – Time Division Duplex (TDD) Transmit and Receive Buffers
■ On-Chip A/D and D/A to Support 10.7 MHz IF Interface
■ Up to 64 Kw of External Program Memory Accessible by the DSP Core
■ Bus Interface to Z87010 ADPCM Processor
■ Static CMOS for Low Power Consumption
■ 3.0V to 3.6V, -20°C to +70°C, Z87L01
   4.5V to 5.5V, -20°C to +70°C, Z87001
■ 16.384 MHz Base Clock




Similar Part No. - Z87L01

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
Z87L00 ZILOG-Z87L00 Datasheet
205Kb / 50P
Spread Spectrum Controllers
More results


Similar Description - Z87L01

ManufacturerPart #DatasheetDescription
logo
Rohm
BH4127FV ROHM-BH4127FV Datasheet
125Kb / 9P
IF detector IC for 900MHz spread spectrum cordless phones
logo
Zilog, Inc.
Z87000 ZILOG-Z87000 Datasheet
205Kb / 50P
Spread Spectrum Controllers
Z87200 ZILOG-Z87200 Datasheet
449Kb / 54P
Spread-Spectrum Transceiver
logo
AMI SEMICONDUCTOR
AMIS-50050 AMI-AMIS-50050 Datasheet
362Kb / 10P
Spread Spectrum Baseband Controller
logo
Maxim Integrated Produc...
DS1086_1203 MAXIM-DS1086_1203 Datasheet
200Kb / 15P
Spread-Spectrum EconOscillator
Rev 2; 3/12
logo
Integrated Circuit Syst...
9DMU0431 ICST-9DMU0431 Datasheet
116Kb / 11P
Spread Spectrum Compatible
REVISION A 09/24/14
9DMV0441 ICST-9DMV0441 Datasheet
252Kb / 12P
Spread Spectrum Compatible
REVISION B 01/26/15
logo
Integrated Device Techn...
9DBV0731 IDT-9DBV0731 Datasheet
205Kb / 16P
Spread Spectrum tolerant
9DMV0141 IDT-9DMV0141 Datasheet
182Kb / 10P
Spread Spectrum Compatible
9DMV0431 IDT-9DMV0431 Datasheet
206Kb / 12P
Spread Spectrum Compatible
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com