Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Z86E72 Datasheet (PDF) - Zilog, Inc.

Z86E72 Datasheet PDF - Zilog, Inc.
Part # Z86E72
Download  Z86E72 Download
File Size   601.43 Kbytes
Page   19 Pages
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.
Description OTP IR Microcontrollers

Z86E72 Datasheet (PDF)

Go To PDF Page Download Datasheet
Z86E72 Datasheet PDF - Zilog, Inc.

Part # Z86E72
Download  Z86E72 Click to download

File Size   601.43 Kbytes
Page   19 Pages
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.
Description OTP IR Microcontrollers

Z86E72 Datasheet (HTML) - Zilog, Inc.


Z86E72 Product details

GENERAL DESCRIPTION
The Z86E7X family of IR (Infrared) CCP™ (Consumer Controller Processor) are OTP-based members of the Z8® single-chip microcontroller family with 256 or 768 bytes of general-purpose RAM. The only differentiating factor between the E72/73 versions is the availability of RAM and ROM.
   
FEATURES   
■ Low Power Consumption - 60 mW (Typical)
■ Two Standby Modes (Typical)
    – STOP - 2 µA
    – HALT - 0.8 mA
■ Special Architecture to Automate Both Generation and
    Reception of Complex Pulses or Signals:
    – One Programmable 8-Bit Counter/Timer with Two
        Capture Registers
    – One Programmable 16-Bit Counter/Timer with
        One Capture Register
    – Programmable Input Glitch Filter for Pulse
        Reception   
■ Five Priority Interrupts
    – Three External
    – Two Assigned to Counter/Timers
■ Two Independent Comparators with Programmable
    Interrupt Polarity
■ On-Chip Oscillator that Accepts a Crystal, Ceramic
    Resonator, LC, RC (mask option), or External Clock
    Drive
■ Software Selectable 200 kOhms Pull-Ups on Ports 0 and
    Port 2
    – All Eight Port 2 Bits at One Time or Not Pull-Ups
        Automatically Disabled Upon Selecting Individual
        Pins as Outputs.
■ Software Mouse/Trackball Interface on P00 Through
    P03
   




Similar Part No. - Z86E72

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
Z86E72 ZILOG-Z86E72 Datasheet
477Kb / 74P
OTP IR MICROCONTROLLERS
Z86E7216FSC ZILOG-Z86E7216FSC Datasheet
477Kb / 74P
OTP IR MICROCONTROLLERS
Z86E7216PSC ZILOG-Z86E7216PSC Datasheet
477Kb / 74P
OTP IR MICROCONTROLLERS
Z86E7216VSC ZILOG-Z86E7216VSC Datasheet
477Kb / 74P
OTP IR MICROCONTROLLERS
More results


Similar Description - Z86E72

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
Z86E03 ZILOG-Z86E03 Datasheet
66Kb / 9P
CMOS Z8 OTP MICROCONTROLLERS
Z86E33 ZILOG-Z86E33 Datasheet
45Kb / 10P
CMOS Z8 OTP Microcontrollers
logo
Holtek Semiconductor In...
HT48R31-1 HOLTEK-HT48R31-1 Datasheet
2Mb / 46P
8-bit OTP Microcontrollers
24th Dec 98
HT48R50-1 HOLTEK-HT48R50-1 Datasheet
2Mb / 48P
8-bit OTP Microcontrollers
6th Jan 99
logo
Zilog, Inc.
Z86E09 ZILOG-Z86E09 Datasheet
305Kb / 38P
Z8 CMOS OTP Microcontrollers
Z86E72 ZILOG-Z86E72 Datasheet
477Kb / 74P
OTP IR MICROCONTROLLERS
Z86E04 ZILOG-Z86E04 Datasheet
214Kb / 44P
CMOS Z8 OTP MICROCONTROLLERS
Z8673312PSG ZILOG-Z8673312PSG Datasheet
1Mb / 84P
CMOS Z8 OTP Microcontrollers
Z86E0812SEG ZILOG-Z86E0812SEG Datasheet
833Kb / 45P
CMOS Z8 OTP Microcontrollers
Z86E0412PEG ZILOG-Z86E0412PEG Datasheet
833Kb / 45P
CMOS Z8 OTP MICROCONTROLLERS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com