Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P2041AF-08ST Datasheet (PDF) - ON Semiconductor

P2041AF-08ST Datasheet PDF - ON Semiconductor
Part # P2041AF-08ST
Download  P2041AF-08ST Download
File Size   112.35 Kbytes
Page   7 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Versatile EMI Reduction IC

P2041AF-08ST Datasheet (PDF)

Go To PDF Page Download Datasheet
P2041AF-08ST Datasheet PDF - ON Semiconductor

Part # P2041AF-08ST
Download  P2041AF-08ST Click to download

File Size   112.35 Kbytes
Page   7 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Versatile EMI Reduction IC

P2041AF-08ST Datasheet (HTML) - ON Semiconductor


P2041AF-08ST Product details

Description
The P2041A is a selectable spread spectrum frequency modulator designed specifically for PC peripheral and embedded controller markets. The P2041A reduces electromagnetic interference (EMI) at the clock source which provides system wide reduction of EMI of all clock dependent signals. The P2041A allows significant system cost savings by reducing the number of circuit board layers and shielding that are traditionally required to pass EMI regulations.

Features
• FCC Approved Method of EMI Attenuation
• Provides up to 20 dB of EMI Suppression
• Generates a Low EMI Spread Spectrum Clock of the Input Frequency
• Optimized for 25 MHz to 60 MHz Input Frequency Range
• Internal Loop Filter Minimizes External Components and Board Space
• 4 Selectable Spread Ranges
• SSON Control Pin for Spread Spectrum Enable and Disable Options
• Low Cycle−to−Cycle Jitter
• 3.3 V or 5.0 V Operating Voltage
• Low Power CMOS Design
• Available in 8−pin SOIC and TSSOP Packages
• These are Pb−Free Devices

Applications
    The P2041A is targeted towards the embedded controller market and PC peripheral markets including scanners, MFP’s, printers, PDA, IA, and GPS devices.




Similar Part No. - P2041AF-08ST

ManufacturerPart #DatasheetDescription
logo
PulseCore Semiconductor
P2041AF-08ST PULSECORE-P2041AF-08ST Datasheet
183Kb / 8P
Versatile EMI Reduction IC
More results


Similar Description - P2041AF-08ST

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
ASM3P2185A ALSC-ASM3P2185A Datasheet
388Kb / 7P
EMI Reduction IC
ASM3P2183A ALSC-ASM3P2183A Datasheet
177Kb / 8P
EMI Reduction IC
ASM3P2185B ALSC-ASM3P2185B Datasheet
174Kb / 7P
EMI Reduction IC
P2041A ALSC-P2041A Datasheet
285Kb / 9P
Versatile EMI Reduction IC
logo
PulseCore Semiconductor
ASM3P2183A PULSECORE-ASM3P2183A Datasheet
189Kb / 8P
EMI Reduction IC
P2041A PULSECORE-P2041A Datasheet
183Kb / 8P
Versatile EMI Reduction IC
logo
ON Semiconductor
ASM3P2183A ONSEMI-ASM3P2183A Datasheet
121Kb / 6P
EMI Reduction IC
August, 2011 ??Rev. 3
PCS3P622Z05B ONSEMI-PCS3P622Z05B Datasheet
168Kb / 13P
Peak EMI Reduction IC
August, 2011 ??Rev. P2
P3P622S01J ONSEMI-P3P622S01J Datasheet
135Kb / 6P
Peak EMI Reduction IC
October, 2014 ??Rev. 2
PCS3P623Z05A ONSEMI-PCS3P623Z05A Datasheet
173Kb / 13P
Peak EMI Reduction IC
August, 2011 ??Rev. P2
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com