Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMTH4007SPS Datasheet (PDF) - Diodes Incorporated

DMTH4007SPS Datasheet PDF - Diodes Incorporated
Part # DMTH4007SPS
Download  DMTH4007SPS Download
File Size   396.7 Kbytes
Page   8 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 40V 175C N-CHANNEL ENHANCEMENT MODE MOSFET

DMTH4007SPS Datasheet (PDF)

Go To PDF Page Download Datasheet
DMTH4007SPS Datasheet PDF - Diodes Incorporated

Part # DMTH4007SPS
Download  DMTH4007SPS Click to download

File Size   396.7 Kbytes
Page   8 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 40V 175C N-CHANNEL ENHANCEMENT MODE MOSFET

DMTH4007SPS Datasheet (HTML) - Diodes Incorporated


DMTH4007SPS Product details

Description
This new generation N-Channel Enhancement Mode MOSFET is designed to minimize RDS(ON), yet maintain superior switching performance. This device is ideal for use in notebook battery power management and loadswitch.

Features
• Rated to +175°C – Ideal for High Ambient Temperature
   Environments
• Thermally Efficient Package-Cooler Running Applications
• High Conversion Efficiency
• Low RDS(ON) – Minimizes On State Losses
• Low Input Capacitance
• Fast Switching Speed
• <1.1mm Package Profile – Ideal for Thin Applications
• Lead-Free Finish; RoHS Compliant (Notes 1 & 2)
• Halogen and Antimony Free. “Green” Device (Note 3)
• Qualified to AEC-Q101 Standards for High Reliability
• An Automotive-Compliant Part is Available Under Separate
   Datasheet (DMTH4007SPSQ)

Applications
• Power Management
• DC-DC Converters
• Motor Control




Similar Part No. - DMTH4007SPS

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMTH4007SPS DIODES-DMTH4007SPS Datasheet
391Kb / 8P
N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 5
DMTH4007SPS-13 DIODES-DMTH4007SPS-13 Datasheet
391Kb / 8P
N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 5
DMTH4007SPSQ DIODES-DMTH4007SPSQ Datasheet
395Kb / 8P
N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 1
DMTH4007SPSQ-13 DIODES-DMTH4007SPSQ-13 Datasheet
395Kb / 8P
N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 1
DMTH4007SPS DIODES-DMTH4007SPS_17 Datasheet
391Kb / 8P
N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 5
More results


Similar Description - DMTH4007SPS

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMNH4006SK3 DIODES-DMNH4006SK3 Datasheet
652Kb / 7P
40V 175C N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 1
DMNH4011SK3 DIODES-DMNH4011SK3 Datasheet
545Kb / 6P
40V 175C N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 2
DMNH4011SK3Q DIODES-DMNH4011SK3Q Datasheet
493Kb / 7P
40V 175C N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 1
DMTH4004LK3 DIODES-DMTH4004LK3 Datasheet
455Kb / 7P
40V 175C N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 2
DMTH4004SCTB DIODES-DMTH4004SCTB Datasheet
701Kb / 6P
40V 175C N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 3
DMTH4004SPS DIODES-DMTH4004SPS Datasheet
431Kb / 7P
40V 175C N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 4
DMTH4004SPSQ DIODES-DMTH4004SPSQ Datasheet
416Kb / 7P
40V 175C N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 3
DMTH4004LPS DIODES-DMTH4004LPS Datasheet
559Kb / 6P
40V 175C N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 2
DMTH4007SK3 DIODES-DMTH4007SK3 Datasheet
393Kb / 7P
40V 175C N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 1
DMTH4004SPS DIODES-DMTH4004SPS_17 Datasheet
530Kb / 7P
40V 175C N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 5
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com