Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMTH4007SPS Datasheet(PDF) 2 Page - Diodes Incorporated

Part # DMTH4007SPS
Description  40V 175C N-CHANNEL ENHANCEMENT MODE MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMTH4007SPS Datasheet(HTML) 2 Page - Diodes Incorporated

  DMTH4007SPS Datasheet HTML 1Page - Diodes Incorporated DMTH4007SPS Datasheet HTML 2Page - Diodes Incorporated DMTH4007SPS Datasheet HTML 3Page - Diodes Incorporated DMTH4007SPS Datasheet HTML 4Page - Diodes Incorporated DMTH4007SPS Datasheet HTML 5Page - Diodes Incorporated DMTH4007SPS Datasheet HTML 6Page - Diodes Incorporated DMTH4007SPS Datasheet HTML 7Page - Diodes Incorporated DMTH4007SPS Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
POWERDI is a registered trademark of Diodes Incorporated.
DMTH4007SPS
Document number: DS37358 Rev. 4 - 2
2 of 8
www.diodes.com
November 2015
© Diodes Incorporated
DMTH4007SPS
H4007SS
S
S
S
G
D
D
D
D
YY WW
Marking Information
Maximum Ratings (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Units
Drain-Source Voltage
VDSS
40
V
Gate-Source Voltage
VGSS
±20
V
Continuous Drain Current (Note 5)
TA = +25°C
TA = +70°C
ID
15.7
13.1
A
Continuous Drain Current (Note 6)
TC = +25°C
(Note 9)
TC = +100°C
ID
100
A
77
Maximum Continuous Body Diode Forward Current (Note 6)
IS
100
A
Pulsed Drain Current (10µs Pulse, Duty Cycle = 1%)
IDM
120
A
Avalanche Current, L=0.3mH
IAS
20
A
Avalanche Energy, L=0.3mH
EAS
60
mJ
Thermal Characteristics
Characteristic
Symbol
Value
Units
Total Power Dissipation (Note 5)
TA = +25°C
PD
2.8
W
Thermal Resistance, Junction to Ambient (Note 5)
RθJA
53
°C/W
Total Power Dissipation (Note 6)
TC = +25°C
PD
136
W
Thermal Resistance, Junction to Case (Note 6)
RθJC
1.1
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-55 to +175
°C
Notes:
5. Device mounted on FR-4 substrate PC board, 2oz copper, with thermal bias to bottom layer 1-inch square copper plate.
6. Thermal resistance from junction to soldering point (on the exposed drain pad).
= Manufacturer’s Marking
H4007SS = Product Type Marking Code
YYWW = Date Code Marking
YY = Last Digit of Year (ex: 14 = 2014)
WW = Week Code (01 to 53)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com