Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS1100 Datasheet (PDF) - List of Unclassifed Manufacturers

CS1100 Datasheet PDF - List of Unclassifed Manufacturers
Part # CS1100
Download  CS1100 Download
File Size   169.87 Kbytes
Page   2 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description Powerline Networking Chipset

CS1100 Datasheet (PDF)

Go To PDF Page Download Datasheet
CS1100 Datasheet PDF - List of Unclassifed Manufacturers

Part # CS1100
Download  CS1100 Click to download

File Size   169.87 Kbytes
Page   2 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description Powerline Networking Chipset

CS1100 Datasheet (HTML) - List of Unclassifed Manufacturers


CS1100 Product details

[Cogency Semiconductor Inc.]

Powerline Networking Chipset

The Piranha™ Piranha chipset consists of the CS1100 and the AD9875. The CS1100 is a single-chip HomePlug™ 1.0 compliant MAC/PHY for use in home powerline networking products. The CS1100 enables Ethernetclass networking over existing electrical wiring with full quality-of-service support and privacy ensured through encryption. The AD9875 HomePlug MixedSignal Front End is a low-power, low-cost converter for powerline communications. Target applications for the Piranha chipset include PC network adapters, residential gateways including set-top boxes, and a wide range of entertainment and communication devices. 

HomePlug 1.0 MAC/PHY
• rate adaptive to 14 Mbps
• 0.18 micron CMOS process
• small footprint 100 pin LQFP
• integrated PLL
• low power 1.8V core 

Easy Product Integration
• emulates Ethernet PHY
• flexible host interface: MII or 8-bit Peripheral
• 3.3 V I/Os (5V tolerant host I/F)
• glueless interface to highly integrated mixed-signal front end
• direct support for link status LEDs

Flexible Processor-Based MAC
• supports multiple outstanding packets during segmentation and reassembly
• firmware is field-upgradeable and fully configurable from host (serial EEPROM not required) 

Design for Manufacture
• testability support – loopback at host interface, local and remote powerline nodes
• optional serial EEPROM - programmable in system
• JTAG Boundary scan 

Mixed-Signal Front End
• TX Path
   - 10 bit D/A, 100 MSPS
   - 2x oversampling digital low-pass filter simplifies reconstruction filter
• RX path
   - 10 bit A/D, 50 MSPS
   - -6 dB to 30 dB programmable gain amplifier 

Product Applications
• powerline USB adapters
• powerline to Ethernet bridges
• powerline PCI NICs
• DSL/cable modems
• Residential Gateways
• set-top boxes
• multi-room audio and MP3 jukeboxes
• VoIP telephones
• game consoles
• home security




Similar Part No. - CS1100

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
CS1100L COILCRAFT-CS1100L Datasheet
155Kb / 1P
Current SensorCurrent Sensor
CS1100L COILCRAFT-CS1100L Datasheet
297Kb / 1P
D1869L_15
More results


Similar Description - CS1100

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AMD-750 AMD-AMD-750 Datasheet
322Kb / 12P
Chipset
logo
Cypress Semiconductor
CY8CPLC10 CYPRESS-CY8CPLC10 Datasheet
1Mb / 25P
Powerline Communication Solution
CY8CLED16P01 CYPRESS-CY8CLED16P01 Datasheet
843Kb / 58P
Powerline Communication Solution Integrated Powerline Modem PHY
logo
Bel Fuse Inc.
0804-5000-17 BEL-0804-5000-17 Datasheet
394Kb / 16P
Powerline Modules
logo
Level One
PLI-3021 LVL1-PLI-3021 Datasheet
485Kb / 3P
200Mbps Powerline Adapter
PLI-4051 LVL1-PLI-4051 Datasheet
198Kb / 3P
500Mbps Powerline
logo
Yamar Electronics Ltd.
SIG60 YAMAR-SIG60_17 Datasheet
815Kb / 16P
UART over Powerline
logo
Bel Fuse Inc.
0804-5000A50 BEL-0804-5000A50 Datasheet
1Mb / 18P
Powerline Modules
0804-5000-18 BEL-0804-5000-18 Datasheet
1Mb / 11P
Powerline Modules
logo
IOGEAR
GPLWE150 IOGEAR-GPLWE150 Datasheet
146Kb / 2P
Powerline Wireless Extender
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com