Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS1100 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # CS1100
Description  Powerline Networking Chipset
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

CS1100 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  CS1100 Datasheet HTML 1Page - List of Unclassifed Manufacturers CS1100 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Piranha
Powerline Networking Chipset
The
Piranha
Piranha
Piranha
Piranha™ chipset consists of the CS1100 and the
AD9875. The CS1100 is a single-chip HomePlug™ 1.0
compliant MAC/PHY for use in home powerline
networking products. The CS1100 enables Ethernet-
class networking over existing electrical wiring with
full quality-of-service support and privacy ensured
through encryption. The AD9875 HomePlug Mixed-
Signal Front End is a low-power, low-cost converter for
powerline communications. Target applications for the
Piranha
Piranha
Piranha
Piranha chipset include PC network adapters,
residential gateways including set-top boxes, and a wide
range of entertainment and communication devices.
HomePlug 1.0 MAC/PHY
•
rate adaptive to 14 Mbps
•
0.18 micron CMOS process
•
small footprint 100 pin LQFP
•
integrated PLL
•
low power 1.8V core
Easy Product Integration
•
emulates Ethernet PHY
•
flexible host interface: MII or 8-bit
Peripheral
•
3.3 V I/Os (5V tolerant host I/F)
•
glueless interface to highly integrated
mixed-signal front end
•
direct support for link status LEDs
Flexible Processor-Based MAC
•
supports multiple outstanding packets
during segmentation and reassembly
•
firmware is field-upgradeable and fully
configurable from host (serial EEPROM
not required)
Design for Manufacture
•
testability support – loopback at host
interface, local and remote powerline
nodes
•
optional serial EEPROM - programmable
in system
•
JTAG Boundary scan
Mixed-Signal Front End
•
TX Path
- 10 bit D/A, 100 MSPS
- 2x oversampling digital low-pass filter
simplifies reconstruction filter
•
RX path
- 10 bit A/D, 50 MSPS
- -6 dB to 30 dB programmable gain
amplifier


Similar Part No. - CS1100

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
CS1100L COILCRAFT-CS1100L Datasheet
155Kb / 1P
Current SensorCurrent Sensor
CS1100L COILCRAFT-CS1100L Datasheet
297Kb / 1P
D1869L_15
More results

Similar Description - CS1100

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AMD-750 AMD-AMD-750 Datasheet
322Kb / 12P
Chipset
logo
Cypress Semiconductor
CY8CPLC10 CYPRESS-CY8CPLC10 Datasheet
1Mb / 25P
Powerline Communication Solution
CY8CLED16P01 CYPRESS-CY8CLED16P01 Datasheet
843Kb / 58P
Powerline Communication Solution Integrated Powerline Modem PHY
logo
Bel Fuse Inc.
0804-5000-17 BEL-0804-5000-17 Datasheet
394Kb / 16P
Powerline Modules
logo
Level One
PLI-3021 LVL1-PLI-3021 Datasheet
485Kb / 3P
200Mbps Powerline Adapter
PLI-4051 LVL1-PLI-4051 Datasheet
198Kb / 3P
500Mbps Powerline
logo
Yamar Electronics Ltd.
SIG60 YAMAR-SIG60_17 Datasheet
815Kb / 16P
UART over Powerline
logo
Bel Fuse Inc.
0804-5000A50 BEL-0804-5000A50 Datasheet
1Mb / 18P
Powerline Modules
0804-5000-18 BEL-0804-5000-18 Datasheet
1Mb / 11P
Powerline Modules
logo
IOGEAR
GPLWE150 IOGEAR-GPLWE150 Datasheet
146Kb / 2P
Powerline Wireless Extender
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com