Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

G1033-024 Datasheet (PDF) - Emcore Corporation

G1033-024 Datasheet PDF - Emcore Corporation
Part # G1033-024
Download  G1033-024 Download
File Size   485.95 Kbytes
Page   3 Pages
Manufacturer  EMCORE [Emcore Corporation]
Direct Link  http://www.emcore.com
Logo EMCORE - Emcore Corporation
Description 1310 nm GPON DFB Laser Chip

G1033-024 Datasheet (PDF)

Go To PDF Page Download Datasheet
G1033-024 Datasheet PDF - Emcore Corporation

Part # G1033-024
Download  G1033-024 Click to download

File Size   485.95 Kbytes
Page   3 Pages
Manufacturer  EMCORE [Emcore Corporation]
Direct Link  http://www.emcore.com
Logo EMCORE - Emcore Corporation
Description 1310 nm GPON DFB Laser Chip

G1033-024 Datasheet (HTML) - Emcore Corporation




Similar Part No. - G1033-024

ManufacturerPart #DatasheetDescription
logo
Emcore Corporation
G1033-020 EMCORE-G1033-020 Datasheet
485Kb / 3P
1310 nm GPON DFB Laser Chip
More results


Similar Description - G1033-024

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
DL-3100 OPTOWAY-DL-3100 Datasheet
110Kb / 2P
1310 nm DFB LASER DIODES MQW-DFB LASER DIODES
logo
Emcore Corporation
1612A-079-FC-04 EMCORE-1612A-079-FC-04 Datasheet
167Kb / 6P
1310 nm DFB Laser Module
1933F-A-A-FA-03-B EMCORE-1933F-A-A-FA-03-B Datasheet
156Kb / 7P
1310 nm CATV Coaxial DFB Laser Diode
1614-SC-WW-02 EMCORE-1614-SC-WW-02 Datasheet
229Kb / 6P
1310 nm DFB Laser Module
logo
Optoway Technology Inc
DL-3100 OPTOWAY-DL-3100_07 Datasheet
119Kb / 3P
1310 nm DFB LASER DIODES
logo
Emcore Corporation
1612A-079-FC-04 EMCORE-1612A-079-FC-04_12 Datasheet
607Kb / 6P
1310 nm DFB Laser Module
1615A EMCORE-1615A Datasheet
648Kb / 4P
1615A 1310 nm DFB Laser Module
1688 EMCORE-1688 Datasheet
753Kb / 5P
1688 1310 nm DFB Laser Module
G1033-032 EMCORE-G1033-032 Datasheet
410Kb / 3P
1490 nm GPON Laser Diode Chip
G1033-020 EMCORE-G1033-020 Datasheet
485Kb / 3P
1310 nm GPON DFB Laser Chip
More results




About Emcore Corporation


EMCORE Corporation is a global technology company that specializes in the design and manufacture of advanced semiconductor-based products for the broadband and fiber optic markets. The company was founded in 1984 and is based in Alhambra, California, USA.

EMCORE's products are used in a wide range of applications, including telecommunications, data centers, cable television networks, and defense and aerospace systems. The company's product portfolio includes optical components, optical subsystems, and photovoltaic products.

EMCORE's optical components include lasers, receivers, transmitters, and modulators, which are used in optical communications systems to convert electrical signals into optical signals and vice versa. The company's optical subsystems are designed to provide complete optical networking solutions, including transmission systems, optical amplifiers, and multiplexers.

In addition to its fiber optic products, EMCORE also designs and manufactures photovoltaic products, including high-efficiency solar cells and concentrator photovoltaic (CPV) systems, which are used in terrestrial and space-based applications. EMCORE has a global presence and serves customers in North America, Europe, Asia, and other regions around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com