Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SDM02U30CSP Datasheet (PDF) - Diodes Incorporated

SDM02U30CSP Datasheet PDF - Diodes Incorporated
Part # SDM02U30CSP
Download  SDM02U30CSP Download
File Size   480.34 Kbytes
Page   5 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 0.2A SCHOTTKY BARRIER DIODE CHIP SCALE PACKAGE

SDM02U30CSP Datasheet (PDF)

Go To PDF Page Download Datasheet
SDM02U30CSP Datasheet PDF - Diodes Incorporated

Part # SDM02U30CSP
Download  SDM02U30CSP Click to download

File Size   480.34 Kbytes
Page   5 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 0.2A SCHOTTKY BARRIER DIODE CHIP SCALE PACKAGE

SDM02U30CSP Datasheet (HTML) - Diodes Incorporated


SDM02U30CSP Product details

Description
The SDM02U30CSP is a 30-Volt 0.2A Schottky Barrier Diode that is optimized for low forward voltage drop and low leakage current. It’s housed in a compact Chip Scale Package (CSP) that occupies only 0.18mm2 board space. The low thermal resistance enables designers to meet design challenges of increasing efficiency while reducing board space. It is ideally suited for use in portable applications.

Features and Benefits
• 0.18mm2 Footprint, Off Board Profile of 0.28mm
• Low Forward Voltage of 0.50V (Max) – Minimizes Power
   Dissipation Losses
• Low Leakage – Maximizes Battery Power
• Soft, Fast Switching Capability
• Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
• Halogen and Antimony Free. “Green” Device (Note 3)

Applications
• Blocking Diode
• Reverse Protection Diode
• Boost Diode




Similar Part No. - SDM02U30CSP

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SDM02U30LP3 DIODES-SDM02U30LP3 Datasheet
167Kb / 4P
ULTRA-SMALL SURFACE MOUNT SCHOTTKY DIODE
Rev erse
SDM02U30LP3 DIODES-SDM02U30LP3 Datasheet
296Kb / 4P
ULTRA-SMALL SURFACE MOUNT SCHOTTKY DIODE
Rev erse
SDM02U30LP3-7B DIODES-SDM02U30LP3-7B Datasheet
296Kb / 4P
ULTRA-SMALL SURFACE MOUNT SCHOTTKY DIODE
Rev erse
SDM02U30LP3 DIODES-SDM02U30LP3_15 Datasheet
146Kb / 4P
ULTRA-SMALL SURFACE MOUNT SCHOTTKY DIODE
Rev erse
SDM02U30LP3 DIODES-SDM02U30LP3_16 Datasheet
296Kb / 4P
ULTRA-SMALL SURFACE MOUNT SCHOTTKY DIODE
Rev erse
More results


Similar Description - SDM02U30CSP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
FCSP1H40LTR VISHAY-FCSP1H40LTR Datasheet
123Kb / 5P
Chip Scale Package Schottky Barrier Rectifier
27-Mar-08
FCSP2H40LTR VISHAY-FCSP2H40LTR Datasheet
127Kb / 5P
Chip Scale Package Schottky Barrier Rectifier
27-Mar-08
FCSP130LTR VISHAY-FCSP130LTR Datasheet
120Kb / 5P
Chip Scale Package Schottky Barrier Rectifier
02-Jul-08
FCSP140LTR VISHAY-FCSP140LTR Datasheet
121Kb / 5P
Chip Scale Package Schottky Barrier Rectifier
27-Mar-08
FCSP230LTR VISHAY-FCSP230LTR Datasheet
123Kb / 5P
Chip Scale Package Schottky Barrier Rectifier
02-Jul-08
FCSP240LTR VISHAY-FCSP240LTR Datasheet
126Kb / 5P
Chip Scale Package Schottky Barrier Rectifier
27-Mar-08
logo
Diodes Incorporated
SDM0230CSP DIODES-SDM0230CSP Datasheet
250Kb / 4P
0.2A SCHOTTKY BARRIER DIODE CHIP SCALE PACKAGE
Rev erse
SDM1L30CSP DIODES-SDM1L30CSP_15 Datasheet
329Kb / 5P
1A SCHOTTKY BARRIER DIODE CHIP SCALE PACKAGE
Rev 5
SDM2A20CSP DIODES-SDM2A20CSP Datasheet
385Kb / 5P
2.0A SCHOTTKY BARRIER RECTIFIER CHIP SCALE PACKAGE
Rev erse
logo
Will Semiconductor Ltd.
WSB5546N WILLSEMI-WSB5546N Datasheet
818Kb / 4P
0.2A, Schottky Barrier Diode
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com