Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SDM0230CSP Datasheet (PDF) - Diodes Incorporated

SDM0230CSP Datasheet PDF - Diodes Incorporated
Part # SDM0230CSP
Download  SDM0230CSP Download
File Size   250.58 Kbytes
Page   4 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 0.2A SCHOTTKY BARRIER DIODE CHIP SCALE PACKAGE

SDM0230CSP Datasheet (PDF)

Go To PDF Page Download Datasheet
SDM0230CSP Datasheet PDF - Diodes Incorporated

Part # SDM0230CSP
Download  SDM0230CSP Click to download

File Size   250.58 Kbytes
Page   4 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 0.2A SCHOTTKY BARRIER DIODE CHIP SCALE PACKAGE

SDM0230CSP Datasheet (HTML) - Diodes Incorporated


SDM0230CSP Product details

Description
The SDM0230CSP is a 30-volt 0.2A schottky barrier diode that is optimized for low forward voltage drop and low leakage current housed in a compact chip scale package (CSP) that occupies only 0.18mm2 board-space. The low thermal resistance enables designers to meet design challenges of increasing efficiency whilst at the same time reducing board space. It is ideally suited for use in portable applications.

Features and Benefits
• 0.18mm2 footprint – 70% smaller than DFN1006/SOD923
• Off board profile of 0.3mm – more than 30% thinner than the
   DFN1006
• Low forward voltage of 0.50V (max) – minimises power
   dissipation losses
• Low leakage – maximises battery power
• Soft, Fast Switching Capability
• Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
• Halogen and Antimony Free. “Green” Device (Note 3)

Applications
• Blocking Diode
• Switching Diode
• Reverse Protection Diode
• Boost Diode




Similar Part No. - SDM0230CSP

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SDM02L30CP3 DIODES-SDM02L30CP3 Datasheet
653Kb / 2P
Industry’s Smallest 4A and 5A Schottky Rectifiers Set New Benchmarks in Current Density
SDM02M30DCP3 DIODES-SDM02M30DCP3 Datasheet
653Kb / 2P
Industry’s Smallest 4A and 5A Schottky Rectifiers Set New Benchmarks in Current Density
SDM02M30LP3 DIODES-SDM02M30LP3 Datasheet
262Kb / 5P
ULTRA-SMALL SURFACE MOUNT SCHOTTKY DIODE
Rev erse
SDM02M30LP3-7B DIODES-SDM02M30LP3-7B Datasheet
262Kb / 5P
ULTRA-SMALL SURFACE MOUNT SCHOTTKY DIODE
Rev erse
SDM02U30CSP DIODES-SDM02U30CSP Datasheet
480Kb / 5P
0.2A SCHOTTKY BARRIER DIODE CHIP SCALE PACKAGE
Rev erse
More results


Similar Description - SDM0230CSP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
FCSP1H40LTR VISHAY-FCSP1H40LTR Datasheet
123Kb / 5P
Chip Scale Package Schottky Barrier Rectifier
27-Mar-08
FCSP2H40LTR VISHAY-FCSP2H40LTR Datasheet
127Kb / 5P
Chip Scale Package Schottky Barrier Rectifier
27-Mar-08
FCSP130LTR VISHAY-FCSP130LTR Datasheet
120Kb / 5P
Chip Scale Package Schottky Barrier Rectifier
02-Jul-08
FCSP140LTR VISHAY-FCSP140LTR Datasheet
121Kb / 5P
Chip Scale Package Schottky Barrier Rectifier
27-Mar-08
FCSP230LTR VISHAY-FCSP230LTR Datasheet
123Kb / 5P
Chip Scale Package Schottky Barrier Rectifier
02-Jul-08
FCSP240LTR VISHAY-FCSP240LTR Datasheet
126Kb / 5P
Chip Scale Package Schottky Barrier Rectifier
27-Mar-08
logo
Diodes Incorporated
SDM1L30CSP DIODES-SDM1L30CSP_15 Datasheet
329Kb / 5P
1A SCHOTTKY BARRIER DIODE CHIP SCALE PACKAGE
Rev 5
SDM02U30CSP DIODES-SDM02U30CSP Datasheet
480Kb / 5P
0.2A SCHOTTKY BARRIER DIODE CHIP SCALE PACKAGE
Rev erse
SDM2A20CSP DIODES-SDM2A20CSP Datasheet
385Kb / 5P
2.0A SCHOTTKY BARRIER RECTIFIER CHIP SCALE PACKAGE
Rev erse
logo
Will Semiconductor Ltd.
WSB5546N WILLSEMI-WSB5546N Datasheet
818Kb / 4P
0.2A, Schottky Barrier Diode
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com