Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SDM0230CSP Datasheet(PDF) 2 Page - Diodes Incorporated

Part # SDM0230CSP
Description  0.2A SCHOTTKY BARRIER DIODE CHIP SCALE PACKAGE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

SDM0230CSP Datasheet(HTML) 2 Page - Diodes Incorporated

  SDM0230CSP Datasheet HTML 1Page - Diodes Incorporated SDM0230CSP Datasheet HTML 2Page - Diodes Incorporated SDM0230CSP Datasheet HTML 3Page - Diodes Incorporated SDM0230CSP Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SDM0230CSP
Document number: DS35649 Rev. 7 - 2
2 of 4
www.diodes.com
May 2013
© Diodes Incorporated
SDM0230CSP
Maximum Ratings (@TA = +25°C, unless otherwise specified.)
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitance load, derate current by 20%.
Characteristic
Symbol
Value
Unit
Peak Repetitive Reverse Voltage
VRRM
30
V
Average Rectified Output Current
IO
0.2
A
Non-Repetitive Peak Forward Surge Current 8.3ms
Single Half Sine-Wave Superimposed on Rated Load
IFSM
4.5
A
Thermal Characteristics
Characteristic
Symbol
Value
Unit
Typical Thermal Resistance Junction to Ambient (Note 5)
RθJA
261
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-55 to +150
°C
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
Forward Voltage Drop
VF
—
0.30
0.35
V
IF = 10mA, TJ = +25°C
—
0.42
0.50
IF = 200mA, TJ = +25°C
—
0.36
—
IF = 200mA, TJ = +125°C
Leakage Current (Note 6)
IR
—
—
50
µA
VR = 30V, TJ = +25°C
—
1.5
—
mA
VR = 30V, TJ = +125°C
Junction Capacitance
CJ
—
9
—
pF
VR = 15V, TJ = +25°C , f = 1MHz
Notes:
5. Device mounted on FR-4 substrate PC board, with minimum recommended pad layout per http://www.diodes.com/datsheets/ap02001.pdf.
6. Short duration pulse test used to minimize self-heating effect.
Typical Electrical Characteristics
0
0.1
0.2
0.3
0.4
0.5
0.6
1,000
10
1
0.1
0.01
100
Figure 1 Typical Forward Characteristics
V , INSTANTANEOUS FORWARD VOLTAGE (V)
F
T = 25°C
A
T = 85°C
A
T = 125°C
A
T = 150°C
A
T = -55°C
A
V , INSTANTANEOUS REVERSE VOLTAGE (V)
R
Figure 2 Typical Reverse Characteristics
0.0001
0.001
0.01
0.1
1
10
100
1000
10000
0
5
1015
20
2530
T = 25°C
A
T = 85°C
A
T = 125°C
A
T = 150°C
A
T = -55°C
A



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com