Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SDM0230CSP Datasheet(PDF) 1 Page - Diodes Incorporated

Part # SDM0230CSP
Description  0.2A SCHOTTKY BARRIER DIODE CHIP SCALE PACKAGE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

SDM0230CSP Datasheet(HTML) 1 Page - Diodes Incorporated

  SDM0230CSP Datasheet HTML 1Page - Diodes Incorporated SDM0230CSP Datasheet HTML 2Page - Diodes Incorporated SDM0230CSP Datasheet HTML 3Page - Diodes Incorporated SDM0230CSP Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SDM0230CSP
Document number: DS35649 Rev. 7 - 2
1 of 4
www.diodes.com
May 2013
© Diodes Incorporated
SDM0230CSP
0.2A SCHOTTKY BARRIER DIODE CHIP SCALE PACKAGE
Product Summary
VRRM (V)
IO (mA)
VF(MAX) (V) @ +25°C IR(MAX) (mA) @ +25°C
30
200
0.50
0.05
Description
The SDM0230CSP is a 30-volt 0.2A schottky barrier diode that is
optimized for low forward voltage drop and low leakage current housed in
a compact chip scale package (CSP) that occupies only 0.18mm
2 board-
space. The low thermal resistance enables designers to meet design
challenges of increasing efficiency whilst at the same time reducing
board space. It is ideally suited for use in portable applications.
Applications
Blocking Diode
Switching Diode
Reverse Protection Diode
Boost Diode
Features and Benefits
0.18mm
2 footprint – 70% smaller than DFN1006/SOD923
Off board profile of 0.3mm – more than 30% thinner than the
DFN1006
Low forward voltage of 0.50V (max) – minimises power
dissipation losses
Low leakage – maximises battery power
Soft, Fast Switching Capability
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
Mechanical Data
Case: X3-WLCUS0603-3
Moisture Sensitivity: Level 1 per J-STD-020
Terminal Connections: Cathode Dot
Weight: 0.119mg
Ordering Information (Note 4)
Part Number
Case
Packaging
SDM0230CSP-7
X3-WLCUS0603-3
3,000/Tape & Reel
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant.
2. See http://www.diodes.com/quality/lead_free.html for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green"
and Lead-free. 
3. Halogen- and Antimony-free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
4. For packaging details, go to our website at http://www.diodes.com/products/packages.html.
Marking Information
X7 = Product Type Marking Code
Dot denotes Cathode Pin
C
A
Pin 2
Pin 1


Similar Part No. - SDM0230CSP

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SDM02L30CP3 DIODES-SDM02L30CP3 Datasheet
653Kb / 2P
Industry’s Smallest 4A and 5A Schottky Rectifiers Set New Benchmarks in Current Density
SDM02M30DCP3 DIODES-SDM02M30DCP3 Datasheet
653Kb / 2P
Industry’s Smallest 4A and 5A Schottky Rectifiers Set New Benchmarks in Current Density
SDM02M30LP3 DIODES-SDM02M30LP3 Datasheet
262Kb / 5P
ULTRA-SMALL SURFACE MOUNT SCHOTTKY DIODE
Rev erse
SDM02M30LP3-7B DIODES-SDM02M30LP3-7B Datasheet
262Kb / 5P
ULTRA-SMALL SURFACE MOUNT SCHOTTKY DIODE
Rev erse
SDM02U30CSP DIODES-SDM02U30CSP Datasheet
480Kb / 5P
0.2A SCHOTTKY BARRIER DIODE CHIP SCALE PACKAGE
Rev erse
More results

Similar Description - SDM0230CSP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
FCSP1H40LTR VISHAY-FCSP1H40LTR Datasheet
123Kb / 5P
Chip Scale Package Schottky Barrier Rectifier
27-Mar-08
FCSP2H40LTR VISHAY-FCSP2H40LTR Datasheet
127Kb / 5P
Chip Scale Package Schottky Barrier Rectifier
27-Mar-08
FCSP130LTR VISHAY-FCSP130LTR Datasheet
120Kb / 5P
Chip Scale Package Schottky Barrier Rectifier
02-Jul-08
FCSP140LTR VISHAY-FCSP140LTR Datasheet
121Kb / 5P
Chip Scale Package Schottky Barrier Rectifier
27-Mar-08
FCSP230LTR VISHAY-FCSP230LTR Datasheet
123Kb / 5P
Chip Scale Package Schottky Barrier Rectifier
02-Jul-08
FCSP240LTR VISHAY-FCSP240LTR Datasheet
126Kb / 5P
Chip Scale Package Schottky Barrier Rectifier
27-Mar-08
logo
Diodes Incorporated
SDM1L30CSP DIODES-SDM1L30CSP_15 Datasheet
329Kb / 5P
1A SCHOTTKY BARRIER DIODE CHIP SCALE PACKAGE
Rev 5
SDM02U30CSP DIODES-SDM02U30CSP Datasheet
480Kb / 5P
0.2A SCHOTTKY BARRIER DIODE CHIP SCALE PACKAGE
Rev erse
SDM2A20CSP DIODES-SDM2A20CSP Datasheet
385Kb / 5P
2.0A SCHOTTKY BARRIER RECTIFIER CHIP SCALE PACKAGE
Rev erse
logo
Will Semiconductor Ltd.
WSB5546N WILLSEMI-WSB5546N Datasheet
818Kb / 4P
0.2A, Schottky Barrier Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com