Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SDM0230CSP Datasheet(PDF) 3 Page - Diodes Incorporated

Part # SDM0230CSP
Description  0.2A SCHOTTKY BARRIER DIODE CHIP SCALE PACKAGE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

SDM0230CSP Datasheet(HTML) 3 Page - Diodes Incorporated

  SDM0230CSP Datasheet HTML 1Page - Diodes Incorporated SDM0230CSP Datasheet HTML 2Page - Diodes Incorporated SDM0230CSP Datasheet HTML 3Page - Diodes Incorporated SDM0230CSP Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
SDM0230CSP
Document number: DS35649 Rev. 7 - 2
3 of 4
www.diodes.com
May 2013
© Diodes Incorporated
SDM0230CSP
V , DC REVERSE VOLTAGE (V)
R
Figure 3 Total Capacitance vs. Reverse Voltage
0
5
10
15
20
25
30
1
10
100
Package Outline Dimensions
Please see AP02002 at http://www.diodes.com/datasheets/ap02002.pdf for latest version.
Suggested Pad Layout
Please see AP02001 at http://www.diodes.com/datasheets/ap02001.pdf for the latest version.
X3-WLCUS0603-3
Dim
Min
Max
Typ
A
0.24
0.30
—
A1
0.00
0.01
—
b
0.23
0.29
0.26
b1
0.075 0.135 0.105
D
0.290 0.300 0.295
E
0.590 0.600 0.595
e
—
—
0.40
e1
—
—
0.155
L
0.13
0.19
0.16
All Dimensions in mm
Dimensions
Value
(in mm)
X
0.30
Y
0.21
Y1
0.60
D
E
e
b 1
2 X
L
3 X
S e a t i n g P l a n e
A
A 1
b
e 1
C a t h o d e
D o t
C a t h o d e
A n o d e
Y 1
Y
X
Y
f=1MHz



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com