Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZHCS400QTA Datasheet (PDF) - Diodes Incorporated

ZHCS400QTA Datasheet PDF - Diodes Incorporated
Part # ZHCS400QTA
Download  ZHCS400QTA Download
File Size   431.8 Kbytes
Page   6 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 40V SURFACE MOUNT SCHOTTKY BARRIER DIODE

ZHCS400QTA Datasheet (PDF)

Go To PDF Page Download Datasheet
ZHCS400QTA Datasheet PDF - Diodes Incorporated

Part # ZHCS400QTA
Download  ZHCS400QTA Click to download

File Size   431.8 Kbytes
Page   6 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 40V SURFACE MOUNT SCHOTTKY BARRIER DIODE

ZHCS400QTA Datasheet (HTML) - Diodes Incorporated


ZHCS400QTA Product details

Description and Applications
This compact SOD323 packaged Schottky diode offers users an excellent performance combination comprising high current operation, extremely low leakage and low forward voltage ensuring suitability for applications requiring efficient operation at higher temperatures (above +85°C) see Operational Efficiency Chart on page 3. It is qualified by AEC-Q101, supported by a PPAP and is ideal for use in:

• DC-DC Converters
• Mobile Telecomms
• Blocking Diodes
• Reverse Polarity Protection

Features and Benefits
• High Current Capability (IF = 0.40A)
• Miniature Surface Mount Package
• Low VF, Fast Switching Schottky
• Package Thermally Rated to +150°C
• Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
• Halogen and Antimony Free. “Green” Device (Note 3)
• Qualified to AEC-Q101 Standards for High Reliability
• PPAP Capable (Note 4)




Similar Part No. - ZHCS400QTA

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZHCS400QTA DIODES-ZHCS400QTA Datasheet
387Kb / 6P
40V SURFACE MOUNT SCHOTTKY BARRIER DIODE
Rev erse
More results


Similar Description - ZHCS400QTA

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
G401SD GTM-G401SD Datasheet
198Kb / 2P
SURFACE MOUNT, SCHOTTKY BARRIER DIODE VOLTAGE 40V, CURRENT 0.2A
G420SD GTM-G420SD Datasheet
239Kb / 2P
SURFACE MOUNT, SCHOTTKY BARRIER DIODE VOLTAGE 40V, CURRENT 0.1A
G490SD GTM-G490SD Datasheet
206Kb / 2P
SURFACE MOUNT, SCHOTTKY BARRIER DIODE VOLTAGE 40V, CURRENT 1A
logo
Diodes Incorporated
ZHCS400TA DIODES-ZHCS400TA Datasheet
165Kb / 6P
40V SURFACE MOUNT SCHOTTKY BARRIER DIODE
Rev 8
ZHCS350 DIODES-ZHCS350_15 Datasheet
144Kb / 5P
40V SURFACE MOUNT SCHOTTKY BARRIER DIODE
Rev 3
ZHCS400 DIODES-ZHCS400_15 Datasheet
165Kb / 6P
40V SURFACE MOUNT SCHOTTKY BARRIER DIODE
Rev 8
ZLLS400Q DIODES-ZLLS400Q Datasheet
512Kb / 6P
40V SURFACE MOUNT SCHOTTKY BARRIER DIODE
Rev 1
ZHCS400Q DIODES-ZHCS400Q Datasheet
387Kb / 6P
40V SURFACE MOUNT SCHOTTKY BARRIER DIODE
Rev erse
ZHCS2000 DIODES-ZHCS2000_15 Datasheet
488Kb / 6P
40V SURFACE MOUNT SCHOTTKY BARRIER DIODE
Rev erse
ZHCS350Q DIODES-ZHCS350Q Datasheet
348Kb / 6P
40V SURFACE MOUNT SCHOTTKY BARRIER DIODE
May 2020 Rev. 3 - 2
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com