Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZHCS400TA Datasheet (PDF) - Diodes Incorporated

ZHCS400TA Datasheet PDF - Diodes Incorporated
Part # ZHCS400TA
Download  ZHCS400TA Download
File Size   165.37 Kbytes
Page   6 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 40V SURFACE MOUNT SCHOTTKY BARRIER DIODE

ZHCS400TA Datasheet (PDF)

Go To PDF Page Download Datasheet
ZHCS400TA Datasheet PDF - Diodes Incorporated

Part # ZHCS400TA
Download  ZHCS400TA Click to download

File Size   165.37 Kbytes
Page   6 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 40V SURFACE MOUNT SCHOTTKY BARRIER DIODE

ZHCS400TA Datasheet (HTML) - Diodes Incorporated


ZHCS400TA Product details

Description and Applications
This compact SOD323 packaged Schottky diode offers users an excellent performance combination comprising high current operation, extremely low leakage and low forward voltage ensuring suitability for applications requiring efficient operation at higher temperatures (above 85°C) see Operational efficiency chart on page 4.
• DC – DC Converters
• Mobile Telecomms
• PCMCIA

Features and Benefits
• Low VF
• High Current Capability (IF = 0.40A)
• Miniature Surface Mount Package
• Low VF, fast switching Schottky
• Package thermally rated to 150°C
• Qualified to AEC-Q101 Standards for High Reliability




Similar Part No. - ZHCS400TA

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZHCS400 ZETEX-ZHCS400 Datasheet
50Kb / 3P
SILICON HIGH CURRENT SCHOTTKY BARRIER DIODE ?쏶uperBAT?
ZHCS400 ZETEX-ZHCS400 Datasheet
357Kb / 14P
LED DRIVER SOLUTION FOR LCD BACKLIGHTING
ZHCS400 ZETEX-ZHCS400 Datasheet
233Kb / 16P
ADJUSTABLE LED DRIVER WITH INTERNAL SWITCH AND OPEN CIRCUIT PROTECTION IN SC70-6
ZHCS400 ZETEX-ZHCS400 Datasheet
127Kb / 6P
SOD323 SILICON HIGH CURRENT SCHOTTKY BARRIER DIODE ?쏶uperBAT?
logo
SEMTECH ELECTRONICS LTD...
ZHCS400 SEMTECH_ELEC-ZHCS400 Datasheet
221Kb / 3P
SILICON HIGH CURRENT SCHOTTKY BARRIER DIODE
More results


Similar Description - ZHCS400TA

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
G401SD GTM-G401SD Datasheet
198Kb / 2P
SURFACE MOUNT, SCHOTTKY BARRIER DIODE VOLTAGE 40V, CURRENT 0.2A
G420SD GTM-G420SD Datasheet
239Kb / 2P
SURFACE MOUNT, SCHOTTKY BARRIER DIODE VOLTAGE 40V, CURRENT 0.1A
G490SD GTM-G490SD Datasheet
206Kb / 2P
SURFACE MOUNT, SCHOTTKY BARRIER DIODE VOLTAGE 40V, CURRENT 1A
logo
Diodes Incorporated
ZHCS350 DIODES-ZHCS350_15 Datasheet
144Kb / 5P
40V SURFACE MOUNT SCHOTTKY BARRIER DIODE
Rev 3
ZHCS400 DIODES-ZHCS400_15 Datasheet
165Kb / 6P
40V SURFACE MOUNT SCHOTTKY BARRIER DIODE
Rev 8
ZHCS400QTA DIODES-ZHCS400QTA Datasheet
431Kb / 6P
40V SURFACE MOUNT SCHOTTKY BARRIER DIODE
Rev erse
ZLLS400Q DIODES-ZLLS400Q Datasheet
512Kb / 6P
40V SURFACE MOUNT SCHOTTKY BARRIER DIODE
Rev 1
ZHCS400Q DIODES-ZHCS400Q Datasheet
387Kb / 6P
40V SURFACE MOUNT SCHOTTKY BARRIER DIODE
Rev erse
ZHCS2000 DIODES-ZHCS2000_15 Datasheet
488Kb / 6P
40V SURFACE MOUNT SCHOTTKY BARRIER DIODE
Rev erse
ZHCS350Q DIODES-ZHCS350Q Datasheet
348Kb / 6P
40V SURFACE MOUNT SCHOTTKY BARRIER DIODE
May 2020 Rev. 3 - 2
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com