Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DRTR5V0U1LP Datasheet (PDF) - Diodes Incorporated

DRTR5V0U1LP Datasheet PDF - Diodes Incorporated
Part # DRTR5V0U1LP
Download  DRTR5V0U1LP Download
File Size   262.78 Kbytes
Page   5 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description LOW CAPACITANCE SINGLE ESD PROTECTION TVS DIODE

DRTR5V0U1LP Datasheet (PDF)

Go To PDF Page Download Datasheet
DRTR5V0U1LP Datasheet PDF - Diodes Incorporated

Part # DRTR5V0U1LP
Download  DRTR5V0U1LP Click to download

File Size   262.78 Kbytes
Page   5 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description LOW CAPACITANCE SINGLE ESD PROTECTION TVS DIODE

DRTR5V0U1LP Datasheet (HTML) - Diodes Incorporated


DRTR5V0U1LP Product details

Features
• IEC 61000-4-2 (ESD): Air ±15kV, Contact ±8kV
• 1 Channel of ESD Protection
• Low Channel Input Capacitance of 1.0pF Typical
• Low Profile Package (0.53mm max) and Ultra-small PCB
   Footprint Area (1.08 * 0.68mm max) Suitable for Compact
   Portable Electronics
• Typically Used at High Speed Ports such as USB 2.0,
   IEEE1394, Serial ATA, DVI, HDMI, PCI
• Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
• Halogen and Antimony Free. “Green” Device (Note 3)
• Qualified to AEC-Q101 Standards for High Reliability




Similar Part No. - DRTR5V0U1LP

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DRTR5V0U1SO DIODES-DRTR5V0U1SO Datasheet
106Kb / 4P
1 CHANNEL LOW CAPACITANCE TVS DIODE ARRAY
Rev 3
DRTR5V0U1SO-7 DIODES-DRTR5V0U1SO-7 Datasheet
106Kb / 4P
1 CHANNEL LOW CAPACITANCE TVS DIODE ARRAY
Rev 3
More results


Similar Description - DRTR5V0U1LP

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
RSRV05-4LC RECTRON-RSRV05-4LC Datasheet
209Kb / 5P
Low Capacitance TVS/ESD Protection Diode
TEP0801LC RECTRON-TEP0801LC Datasheet
168Kb / 5P
Low Capacitance TVS/ESD Protection Diode
TEP0801MLC RECTRON-TEP0801MLC Datasheet
247Kb / 5P
Low Capacitance TVS/ESD Protection Diode
TEP81302LC RECTRON-TEP81302LC Datasheet
723Kb / 6P
Low Capacitance TVS/ESD Protection Diode
TEP0701M RECTRON-TEP0701M Datasheet
167Kb / 5P
Low Capacitance TVS/ESD Protection Diode
TEP1201M RECTRON-TEP1201M Datasheet
167Kb / 5P
Low Capacitance TVS/ESD Protection Diode
TEP2401M RECTRON-TEP2401M Datasheet
511Kb / 5P
Low Capacitance TVS/ESD Protection Diode
TEP2401QM RECTRON-TEP2401QM Datasheet
167Kb / 5P
Low Capacitance TVS/ESD Protection Diode
TEP2401TM RECTRON-TEP2401TM Datasheet
249Kb / 5P
Low Capacitance TVS/ESD Protection Diode
TEP0301M RECTRON-TEP0301M Datasheet
353Kb / 5P
Low Capacitance TVS/ESD Protection Diode
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com