Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AL8820 Datasheet (PDF) - Diodes Incorporated

AL8820 Datasheet PDF - Diodes Incorporated
Part # AL8820
Download  AL8820 Download
File Size   420.79 Kbytes
Page   15 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 40V, 2A BOOST/BUCK LED DRIVER

AL8820 Datasheet (PDF)

Go To PDF Page Download Datasheet
AL8820 Datasheet PDF - Diodes Incorporated

Part # AL8820
Download  AL8820 Click to download

File Size   420.79 Kbytes
Page   15 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 40V, 2A BOOST/BUCK LED DRIVER

AL8820 Datasheet (HTML) - Diodes Incorporated




Similar Part No. - AL8820

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AL8821 DIODES-AL8821 Datasheet
392Kb / 14P
40V, 2A BOOST LED DRIVER
Rev 1
AL8821 DIODES-AL8821 Datasheet
270Kb / 14P
BOOST LED DRIVER
Rev 2
AL8821SP-13 DIODES-AL8821SP-13 Datasheet
392Kb / 14P
40V, 2A BOOST LED DRIVER
Rev 1
AL8821 DIODES-AL8821_17 Datasheet
270Kb / 14P
BOOST LED DRIVER
Rev 2
AL8822 DIODES-AL8822 Datasheet
275Kb / 15P
50V, 2A BOOST LED DRIVER
Rev 2
More results


Similar Description - AL8820

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RBD-12 RECOM-RBD-12 Datasheet
160Kb / 3P
Buck- Boost LED Driver up to Vout=40V
logo
Linear Technology
LTC3115-1 LINER-LTC3115-1_15 Datasheet
617Kb / 42P
40V, 2A Synchronous Buck-Boost DC/DC Converter
LTC3115-2 LINER-LTC3115-2_15 Datasheet
775Kb / 42P
40V, 2A Synchronous Buck-Boost DC/DC Converter
logo
Diodes Incorporated
AL8821 DIODES-AL8821 Datasheet
392Kb / 14P
40V, 2A BOOST LED DRIVER
Rev 1
logo
Linear Technology
LTC3115EDHD-1 LINER-LTC3115EDHD-1 Datasheet
190Kb / 6P
40V, 2A Synchronous Buck-Boost DC/DC Converter
LTC3115EDHD-2 LINER-LTC3115EDHD-2 Datasheet
440Kb / 6P
40V, 2A Synchronous Buck-Boost DC/DC Converter
logo
Diodes Incorporated
AL8822 DIODES-AL8822 Datasheet
275Kb / 15P
50V, 2A BOOST LED DRIVER
Rev 2
AL8860 DIODES-AL8860_18 Datasheet
569Kb / 17P
40V 1.5A BUCK LED DRIVER
Rev 4
logo
QX Micro Devices Co.,Lt...
QX5278 QXMD-QX5278 Datasheet
810Kb / 2P
Buck-boost LED driver
logo
Shenzhen Huazhimei Semi...
HM3442 HMSEMI-HM3442 Datasheet
515Kb / 8P
Buck-boost LED driver
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com