Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AL8821 Datasheet (PDF) - Diodes Incorporated

AL8821 Datasheet PDF - Diodes Incorporated
Part # AL8821
Download  AL8821 Download
File Size   392.66 Kbytes
Page   14 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 40V, 2A BOOST LED DRIVER

AL8821 Datasheet (PDF)

Go To PDF Page Download Datasheet
AL8821 Datasheet PDF - Diodes Incorporated

Part # AL8821
Download  AL8821 Click to download

File Size   392.66 Kbytes
Page   14 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 40V, 2A BOOST LED DRIVER

AL8821 Datasheet (HTML) - Diodes Incorporated


AL8821 Product details

Description

The AL8821 is a boost converter that delivers an accurate constantcurrent for MR16 and similar LED Lamps. With proprietary control scheme, the LED driver is compatible with many commonly used electronic transformers and provides designs with High Power Factor (PF) and low Total Harmonic Distortion (THD) for these applications. The operation frequency is up to 1MHz that allows the use of small size inductor. With the package of SO-8EP, the AL8821 has small thermal resistance and can be used for wide range of output power. The driver can be used for dimmable MR16 application and can be compatible with leading-edge dimmer and trailing-edge dimmer.



Features

Wide Input Voltage Range: 5V to 36V

Internal 40V NDMOS Switches

Continuous Conduction Mode (CCM) Operation

Up to 1MHz Switching Frequency

High PF > 0.9 and Low THD < 30% and low Ripple < 20%

Compatible With Leading-edge Dimmer And Trailing-edge Dimmer

Internal Protections

  Under Voltage Lock Out (UVLO)

  Output Open

  Over Temperature Protection (OTP)

Pb-free SO-8EP



Applications

Non-dimmable MR16 Lamps

Dimmable MR16 Lamps

General Illumination Lamps




Similar Part No. - AL8821

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AL8821 DIODES-AL8821 Datasheet
270Kb / 14P
BOOST LED DRIVER
Rev 2
AL8821 DIODES-AL8821_17 Datasheet
270Kb / 14P
BOOST LED DRIVER
Rev 2
More results


Similar Description - AL8821

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2297 MICREL-MIC2297 Datasheet
272Kb / 12P
40V PWM Boost Regulator White LED Driver
MIC2297 MICREL-MIC2297_08 Datasheet
281Kb / 11P
40V PWM Boost Regulator White LED Driver
logo
Recom International Pow...
RBD-12 RECOM-RBD-12 Datasheet
160Kb / 3P
Buck- Boost LED Driver up to Vout=40V
logo
Linear Technology
LTC3115-2 LINER-LTC3115-2_15 Datasheet
775Kb / 42P
40V, 2A Synchronous Buck-Boost DC/DC Converter
logo
Global Mixed-mode Techn...
G2542 GMT-G2542 Datasheet
118Kb / 1P
6-Channels 40V White LED Driver with Boost Regulator
G2541 GMT-G2541 Datasheet
120Kb / 1P
6-Channels 40V White LED Driver with Boost Regulator
logo
Diodes Incorporated
AL8820 DIODES-AL8820 Datasheet
420Kb / 15P
40V, 2A BOOST/BUCK LED DRIVER
Rev 1
logo
Linear Technology
LT3922 LINER-LT3922 Datasheet
895Kb / 8P
36V 2A Synchronous 2MHz Boost LED Driver
logo
Monolithic Power System...
MP3331 MPS-MP3331 Datasheet
641Kb / 25P
2A, Synchronous Boost Flash LED Driver with I2C Interface
logo
Diodes Incorporated
AL8822 DIODES-AL8822 Datasheet
275Kb / 15P
50V, 2A BOOST LED DRIVER
Rev 2
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com