Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AL8821 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # AL8821
Description  40V, 2A BOOST LED DRIVER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AL8821 Datasheet(HTML) 4 Page - Diodes Incorporated

  AL8821 Datasheet HTML 1Page - Diodes Incorporated AL8821 Datasheet HTML 2Page - Diodes Incorporated AL8821 Datasheet HTML 3Page - Diodes Incorporated AL8821 Datasheet HTML 4Page - Diodes Incorporated AL8821 Datasheet HTML 5Page - Diodes Incorporated AL8821 Datasheet HTML 6Page - Diodes Incorporated AL8821 Datasheet HTML 7Page - Diodes Incorporated AL8821 Datasheet HTML 8Page - Diodes Incorporated AL8821 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
AL8821
Document number: DS37671 Rev. 1 - 2
4 of 14
www.diodes.com
January 2015
© Diodes Incorporated
AL8821
Electrical Characteristics (Cont. @TA = +25°C, unless otherwise specified.)
Symbol
Parameters
Conditions
Min
Typ
Max
Unit
Integrated NMOS_BOOST
VDS
MOS Voltage Stress (Note 6)
–
–
40
–
V
IDS
MOS Current Stress (Note 6)
–
–
2
–
A
RDSON
MOS RDSON
–
–
250
–
m
Ω
Compensation and Soft Start (COMP Pin)
GEA
Error Amplifier Trans-
conductance
–
–
1000
–
µA/V
IO-H
Sourcing Current
VCOMP = 0.5V
–
68
–
µA
IO-L
Sinking Current
VCOMP = 4.5V
–
68
–
µA
VFB
FB Pin Voltage
–
–
444
–
mV
Hysteresis Competitor
VCS_MIN
Boost Sense Voltage Low
Level
VCOMP = 0V
–
-90
–
mV
IHYS
Hysteresis Current
–
85
100
115
µA
Over-Temperature Protection
TOTSD
Thermal Shutdown (Note 6)
–
–
+160
–
ºC
THYS
Thermal Shutdown
Hysteresis (Note 6)
–
–
+40
–
ºC
Note 6:
These parameters, although guaranteed by design, are not 100% tested in production.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com