Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AL8821 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # AL8821
Description  40V, 2A BOOST LED DRIVER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AL8821 Datasheet(HTML) 1 Page - Diodes Incorporated

  AL8821 Datasheet HTML 1Page - Diodes Incorporated AL8821 Datasheet HTML 2Page - Diodes Incorporated AL8821 Datasheet HTML 3Page - Diodes Incorporated AL8821 Datasheet HTML 4Page - Diodes Incorporated AL8821 Datasheet HTML 5Page - Diodes Incorporated AL8821 Datasheet HTML 6Page - Diodes Incorporated AL8821 Datasheet HTML 7Page - Diodes Incorporated AL8821 Datasheet HTML 8Page - Diodes Incorporated AL8821 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
AL8821
Document number: DS37671 Rev. 1 - 2
1 of 14
www.diodes.com
January 2015
© Diodes Incorporated
AL8821
40V, 2A BOOST LED DRIVER
Description
The AL8821 is a boost converter that delivers an accurate constant
current for MR16 and similar LED Lamps. With proprietary control
scheme, the LED driver is compatible with many commonly used
electronic transformers and provides designs with High Power Factor
(PF) and low Total Harmonic Distortion (THD) for these applications.
The operation frequency is up to 1MHz that allows the use of small
size inductor. With the package of SO-8EP, the AL8821 has small
thermal resistance and can be used for wide range of output power.
The driver can be used for dimmable MR16 application and can be
compatible with leading-edge dimmer and trailing-edge dimmer.
Features
Wide Input Voltage Range: 5V to 36V
Internal 40V NDMOS Switches
Continuous Conduction Mode (CCM) Operation
Up to 1MHz Switching Frequency
High PF > 0.9 and Low THD < 30% and low Ripple < 20%
Compatible With Leading-edge Dimmer And Trailing-edge
Dimmer
Internal Protections
Under Voltage Lock Out (UVLO)
Output Open
Over Temperature Protection (OTP)
Pb-free SO-8EP
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
Pin Assignments
(Top View)
1
2
3
4
8
7
6
5
SW
CS
FB
COMP
NC
VCC
VIN
NC
EP
SO-8EP
Applications
Non-dimmable MR16 Lamps
Dimmable MR16 Lamps
General Illumination Lamps
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant.
2. See http://www.diodes.com/quality/lead_free.html for more information about Diod
es Incorporated’s definitions of Halogen- and Antimony-free, "Green"
and Lead-free.
3. Halogen- and Antimony-
free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
Typical Applications Circuit
D2
D1
D3
D4
D5
RSET
RHYS
CO
C3
SW
CS
VCC
COMP
VIN
(Exposed Pad)
L
C4
Vac
FB
RFB


Similar Part No. - AL8821

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AL8821 DIODES-AL8821 Datasheet
270Kb / 14P
BOOST LED DRIVER
Rev 2
AL8821 DIODES-AL8821_17 Datasheet
270Kb / 14P
BOOST LED DRIVER
Rev 2
More results

Similar Description - AL8821

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2297 MICREL-MIC2297 Datasheet
272Kb / 12P
40V PWM Boost Regulator White LED Driver
MIC2297 MICREL-MIC2297_08 Datasheet
281Kb / 11P
40V PWM Boost Regulator White LED Driver
logo
Recom International Pow...
RBD-12 RECOM-RBD-12 Datasheet
160Kb / 3P
Buck- Boost LED Driver up to Vout=40V
logo
Linear Technology
LTC3115-2 LINER-LTC3115-2_15 Datasheet
775Kb / 42P
40V, 2A Synchronous Buck-Boost DC/DC Converter
logo
Global Mixed-mode Techn...
G2542 GMT-G2542 Datasheet
118Kb / 1P
6-Channels 40V White LED Driver with Boost Regulator
G2541 GMT-G2541 Datasheet
120Kb / 1P
6-Channels 40V White LED Driver with Boost Regulator
logo
Diodes Incorporated
AL8820 DIODES-AL8820 Datasheet
420Kb / 15P
40V, 2A BOOST/BUCK LED DRIVER
Rev 1
logo
Linear Technology
LT3922 LINER-LT3922 Datasheet
895Kb / 8P
36V 2A Synchronous 2MHz Boost LED Driver
logo
Monolithic Power System...
MP3331 MPS-MP3331 Datasheet
641Kb / 25P
2A, Synchronous Boost Flash LED Driver with I2C Interface
logo
Diodes Incorporated
AL8822 DIODES-AL8822 Datasheet
275Kb / 15P
50V, 2A BOOST LED DRIVER
Rev 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com