Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NPIS64D330MTRF Datasheet (PDF) - Diodes Incorporated

NPIS64D330MTRF Datasheet PDF - Diodes Incorporated
Part # NPIS64D330MTRF
Download  NPIS64D330MTRF Download
File Size   2717.12 Kbytes
Page   18 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description AUTOMOTIVE GRADE 30V 1.3A PWM DIMMABLE BUCK LED DRIVER

NPIS64D330MTRF Datasheet (PDF)

Go To PDF Page Download Datasheet
NPIS64D330MTRF Datasheet PDF - Diodes Incorporated

Part # NPIS64D330MTRF
Download  NPIS64D330MTRF Click to download

File Size   2717.12 Kbytes
Page   18 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description AUTOMOTIVE GRADE 30V 1.3A PWM DIMMABLE BUCK LED DRIVER

NPIS64D330MTRF Datasheet (HTML) - Diodes Incorporated




Similar Part No. - NPIS64D330MTRF

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NPIS64D330MTRF NIC-NPIS64D330MTRF Datasheet
139Kb / 14P
NPIS Shielded Power Inductors
logo
Diodes Incorporated
NPIS64D330MTRF DIODES-NPIS64D330MTRF Datasheet
724Kb / 22P
AUTOMOTIVE GRADE 30V 1A LED DRIVER
Rev 1
More results


Similar Description - NPIS64D330MTRF

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AL8807Q DIODES-AL8807Q Datasheet
1Mb / 16P
HIGH EFFICIENCY LOW 30V 1.3A AUTOMOTIVE GRADE BUCK LED DRIVER
Rev 1
AL8807B DIODES-AL8807B Datasheet
4Mb / 18P
HIGH EFFICIENCY 36V 1.3A PWM DIMMABLE BUCK LED DRIVER
Rev 1
logo
Allegro MicroSystems
A6217 ALLEGRO-A6217 Datasheet
1Mb / 19P
Automotive-Grade, Constant-Current PWM Dimmable Buck Regulator LED Driver
logo
Maxic Technology Corpor...
MT7864 MAXIC-MT7864 Datasheet
185Kb / 1P
PWM Dimmable APFC BUCK LED Driver
MT7865 MAXIC-MT7865 Datasheet
185Kb / 1P
PWM Dimmable APFC BUCK LED Driver
logo
Bright Power Semiconduc...
BP2838 BPS-BP2838 Datasheet
238Kb / 2P
PWM dimmable Non-isolated Buck LED Driver
BP2876D BPS-BP2876D Datasheet
495Kb / 2P
PWM Dimmable Buck LED Driver
logo
Allegro MicroSystems
ALT80800 ALLEGRO-ALT80800 Datasheet
1Mb / 23P
Automotive-Grade, Constant-Current 2.0 A PWM Dimmable Synchronous Buck LED Driver
logo
Maxic Technology Corpor...
MT7860 MAXIC-MT7860 Datasheet
185Kb / 1P
PWM/Analog Dimmable APFC BUCK LED Driver
MT7862 MAXIC-MT7862 Datasheet
106Kb / 1P
PWM Dimmable APFC BUCK LED Driver
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com