Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP22966 Datasheet (PDF) - Diodes Incorporated

AP22966 Datasheet PDF - Diodes Incorporated
Part # AP22966
Download  AP22966 Download
File Size   1047.04 Kbytes
Page   14 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 5V DUAL CHANNEL PROGRAMMABLE LOAD SWITCH

AP22966 Datasheet (PDF)

Go To PDF Page Download Datasheet
AP22966 Datasheet PDF - Diodes Incorporated

Part # AP22966
Download  AP22966 Click to download

File Size   1047.04 Kbytes
Page   14 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 5V DUAL CHANNEL PROGRAMMABLE LOAD SWITCH

AP22966 Datasheet (HTML) - Diodes Incorporated




Similar Part No. - AP22966

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP22908 DIODES-AP22908 Datasheet
1Mb / 19P
1.5A SINGLE SLEW RATE CONTROLLED LOAD SWITCH
February 2023 Rev. 5 - 2
AP22908CN4-7 DIODES-AP22908CN4-7 Datasheet
1Mb / 19P
1.5A SINGLE SLEW RATE CONTROLLED LOAD SWITCH
February 2023 Rev. 5 - 2
AP22908CNA4-7 DIODES-AP22908CNA4-7 Datasheet
1Mb / 19P
1.5A SINGLE SLEW RATE CONTROLLED LOAD SWITCH
February 2023 Rev. 5 - 2
AP22908W6-7 DIODES-AP22908W6-7 Datasheet
1Mb / 19P
1.5A SINGLE SLEW RATE CONTROLLED LOAD SWITCH
February 2023 Rev. 5 - 2
AP22913 DIODES-AP22913 Datasheet
901Kb / 17P
SINGLE SLEW RATE CONTROLLED LOAD SWITCH
May 2021
More results


Similar Description - AP22966

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS22966 TI1-TPS22966 Datasheet
858Kb / 26P
Dual Channel, Ultra-Low Resistance Load Switch
logo
Diodes Incorporated
AP22800 DIODES-AP22800 Datasheet
1Mb / 14P
5V SINGLE CHANNEL PROGRAMMABLE LOAD SWITCH
Rev 3
AP22850 DIODES-AP22850 Datasheet
1Mb / 14P
10V SINGLE CHANNEL PROGRAMMABLE LOAD SWITCH
Rev 2
logo
Richtek Technology Corp...
RT9736A RICHTEK-RT9736A Datasheet
248Kb / 16P
Dual Channel, Low Resistance Load Switch
RT9740A RICHTEK-RT9740A Datasheet
248Kb / 16P
Dual Channel, Ultra-Low Resistance Load Switch
logo
Texas Instruments
TPS22966-Q1 TI1-TPS22966-Q1 Datasheet
1Mb / 30P
Dual-Channel, Ultralow Resistance Load Switch
logo
MagnaChip Semiconductor...
MSI2206 MGCHIP-MSI2206 Datasheet
1Mb / 12P
Dual Channel 6A Load Switch
logo
Shenzhen Huazhimei Semi...
HM9713 HMSEMI-HM9713 Datasheet
615Kb / 4P
5V, 3.5A Low Side Load Switch
logo
Alpha & Omega Semicondu...
AOZ1331DI AOSMD-AOZ1331DI Datasheet
1Mb / 14P
Dual Channel Smart Load Switch
AOZ1331ADI AOSMD-AOZ1331ADI Datasheet
854Kb / 14P
Dual Channel Smart Load Switch
Rev. 1.3 July 2018
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com