Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SI5340 Datasheet (PDF) - Silicon Laboratories

SI5340 Datasheet PDF - Silicon Laboratories
Part # SI5340
Download  SI5340 Download
File Size   2507.59 Kbytes
Page   56 Pages
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories
Description LOW-JITTER, 10-OUTPUT, ANY-FREQUENCY, ANY-OUTPUT CLOCK GENERATOR

SI5340 Datasheet (PDF)

Go To PDF Page Download Datasheet
SI5340 Datasheet PDF - Silicon Laboratories

Part # SI5340
Download  SI5340 Click to download

File Size   2507.59 Kbytes
Page   56 Pages
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories
Description LOW-JITTER, 10-OUTPUT, ANY-FREQUENCY, ANY-OUTPUT CLOCK GENERATOR

SI5340 Datasheet (HTML) - Silicon Laboratories


SI5340 Product details

Low-Jitter, 10 or 4-Output, Any-Frequency, Any-Output Clock Generator

The any-frequency, any-output Si5341/40 clock generators combine a wide-band PLL with proprietary MultiSynth™ fractional synthesizer technology to offer a versatile and high performance clock generator platform. This highly flexible architecture is capable of synthesizing a wide range of integer and non-integer related frequencies up to 1 GHz on 10 differential clock outputs while delivering sub-100 fs rms phase jitter performance with 0 ppm error. Each of the clock outputs can be assigned its own format and output voltage enabling the Si5341/40 to replace multiple clock ICs and oscillators with a single device making it a true "clock tree on a chip."

KEY FEATURES
• Generates any combination of output
   frequencies from any input frequency
• Ultra-low jitter of 90 fs rms
• Input frequency range:
   • External crystal: 25 to 54 MHz
   • Differential clock: 10 to 750 MHz
   • LVCMOS clock: 10 to 250 MHz
• Output frequency range:
   • Differential: 100 Hz to 1028 MHz
   • LVCMOS: 100 Hz to 250 MHz
• Highly configurable outputs compatible with
   LVDS, LVPECL, LVCMOS, CML, and HCSL
   with programmable signal amplitude
• Si5341: 4 input, 10 output, 64-QFN 9x9 mm
• Si5340: 4 input, 4 output, 44-QFN 7x7 mm

Applications:
• Clock tree generation replacing XOs, buffers, signal format translators
• Any-frequency clock translation
• Clocking for FPGAs, processors, memory
• Ethernet switches/routers
• OTN framers/mappers/processors
• Test equipment and instrumentation
• Broadcast video




Similar Part No. - SI5340

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
Si5340 SILABS-Si5340 Datasheet
5Mb / 53P
Low-Jitter, 10 or 4-Output, Any-Frequency, Any-Output Clock Generator
logo
Skyworks Solutions Inc.
SI5340 SKYWORKS-SI5340 Datasheet
1Mb / 49P
Low-Jitter, 10 or 4-Output, Any-Frequency, Any-Output Clock Generator
Rev. 1.1
logo
Silicon Laboratories
Si5340-D-EVB SILABS-Si5340-D-EVB Datasheet
5Mb / 53P
Low-Jitter, 10 or 4-Output, Any-Frequency, Any-Output Clock Generator
logo
Skyworks Solutions Inc.
SI5340-D-EVB SKYWORKS-SI5340-D-EVB Datasheet
1Mb / 49P
Low-Jitter, 10 or 4-Output, Any-Frequency, Any-Output Clock Generator
Rev. 1.1
logo
Silicon Laboratories
SI5340-EVB SILABS-SI5340-EVB Datasheet
3Mb / 19P
Powered from USB port or external power supply
More results


Similar Description - SI5340

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI5338 SILABS-SI5338 Datasheet
715Kb / 170P
I2C-PROGRAMMABLE ANY-FREQUENCY, ANY-OUTPUT QUAD CLOCK GENERATOR
SI5345 SILABS-SI5345 Datasheet
1Mb / 62P
10-CHANNEL, ANY-FREQUENCY, ANY-OUTPUT JITTER ATTENUATOR/CLOCK MULTIPLIER
SI5341 SILABS-SI5341_16 Datasheet
5Mb / 53P
Low-Jitter, 10 or 4-Output, Any-Frequency, Any-Output Clock Generator
SI5345 SILABS-SI5345_16 Datasheet
1Mb / 60P
10-Channel, Any-Frequency, Any-Output Jitter Attenuator/ Clock Multiplier
SI5338 SILABS-SI5338_V01 Datasheet
1Mb / 46P
I2C-PROGRAMMABLE ANY-FREQUENCY, ANY-OUTPUT QUAD CLOCK GENERATOR
logo
Skyworks Solutions Inc.
SI5334 SKYWORKS-SI5334 Datasheet
1Mb / 37P
PIN-CONTROLLED ANY-FREQUENCY, ANY-OUTPUT QUAD CLOCK GENERATOR
Rev. 1.3
SI5341 SKYWORKS-SI5341 Datasheet
1Mb / 49P
Low-Jitter, 10 or 4-Output, Any-Frequency, Any-Output Clock Generator
Rev. 1.1
SI5357 SKYWORKS-SI5357 Datasheet
1Mb / 27P
12-Output Any-Frequency Clock Generator
Rev. 1.0
SI5345 SKYWORKS-SI5345 Datasheet
976Kb / 58P
10-Channel, Any-Frequency, Any-Output Jitter Attenuator/ Clock Multiplier
Rev. 1.2
SI5391 SKYWORKS-SI5391 Datasheet
1Mb / 45P
Ultra Low-Jitter, 12-Output, Any-Frequency, Any-Output Clock Generator
Rev. 0.7
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com