Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9154-EBZ Datasheet (PDF) - Analog Devices

AD9154-EBZ Datasheet PDF - Analog Devices
Part # AD9154-EBZ
Download  AD9154-EBZ Download
File Size   2223.54 Kbytes
Page   124 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Quad, 16-Bit, 2.4 GSPS, TxDAC Digital-to-Analog Converter

AD9154-EBZ Datasheet (PDF)

Go To PDF Page Download Datasheet
AD9154-EBZ Datasheet PDF - Analog Devices

Part # AD9154-EBZ
Download  AD9154-EBZ Click to download

File Size   2223.54 Kbytes
Page   124 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Quad, 16-Bit, 2.4 GSPS, TxDAC Digital-to-Analog Converter

AD9154-EBZ Datasheet (HTML) - Analog Devices


AD9154-EBZ Product details

GENERAL DESCRIPTION
The AD9154 is a quad, 16-bit, high dynamic range digital-to-analog converter (DAC) that provides a maximum sample rate of 2.4 GSPS, permitting multicarrier generation up to the Nyquist frequency in baseband mode. The AD9154 includes features optimized for direct conversion transmit applications, including complex digital modulation, input signal power detection, and gain, phase, and offset compensation. The DAC outputs are optimized to interface seamlessly with the ADRF6720-27 radio frequency quadrature modulator (AQM) from Analog Devices, Inc. In mix mode, the AD9154 DAC can reconstruct carriers in the second and third Nyquist zones. A serial port interface (SPI) provides the programming/readback of internal parameters.
The full-scale output current can be programmed over a range of 4 mA to 20 mA. The AD9154 is available in two different 88-lead LFCSP packages.

FEATURES
   Supports input data rates up to 1.096 GSPS
   Proprietary, low spurious and distortion design
      Single carrier LTE 20 MHz bandwidth (BW), ACLR = 77 dBc at
         180 MHz IF
      Six carrier GSM IMD = 78 dBc, 600 kHz carrier spacing at
         180 MHz IF
      SFDR = 72 dBc at 180 MHz IF, −6 dBFS single tone
   Flexible 8-lane JESD204B interface
   Multiple chip synchronization
      Fixed latency
      Data generator latency compensation
   Input signal power detection
   High performance, low noise phase-locked loop (PLL) clock
      multiplier
   Digital inverse sinc filter
   Digital quadrature modulation using a numerically
      controlled oscillator (NCO)
   Nyquist band selection—mix mode
   Selectable 1×, 2×, 4×, and 8× interpolation filters
   Low power: 2.11 W at 1.6 GSPS, full operating conditions
   88-lead, exposed pad LFCSP

APPLICATIONS
   Wireless communications
      Multicarrier LTE and GSM base stations
      Wideband repeaters
      Software defined radios
   Wideband communications
      Point to point microwave radio
   Transmit diversity, multiple input/multiple output (MIMO)
   Instrumentation
   Automated test equipment




Similar Part No. - AD9154-EBZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9154-EBZ AD-AD9154-EBZ Datasheet
2Mb / 124P
Digital-to-Analog Converter
2/2017-Rev. B to Rev. C
More results


Similar Description - AD9154-EBZ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC5670 TI-DAC5670 Datasheet
942Kb / 29P
14-BIT 2.4-GSPS DIGITAL-TO-ANALOG CONVERTER
logo
Analog Devices
AD9148 AD-AD9148 Datasheet
851Kb / 73P
Quad 16-Bit,1 GSPS, TxDAC Digital-to-Analog Converter
Rev. PrA
logo
Texas Instruments
DAC34H84 TI1-DAC34H84 Datasheet
1Mb / 80P
Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
JUNE2011
DAC3484 TI1-DAC3484 Datasheet
1Mb / 82P
Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
DAC5670-SP TI-DAC5670-SP Datasheet
976Kb / 30P
14-BIT 2.4-GSPS DIGITAL-TO-ANALOG CONVERTER
DAC34SH84 TI1-DAC34SH84 Datasheet
1,012Kb / 77P
Quad-Channel, 16-Bit, 1.5 GSPS Digital-to-Analog Converter (DAC)
DAC34H84 TI1-DAC34H84_14 Datasheet
1Mb / 81P
Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
DAC5670 TI-DAC5670_15 Datasheet
981Kb / 30P
14-BIT 2.4-GSPS DIGITAL-TO-ANALOG CONVERTER
DAC3484 TI1-DAC3484_15 Datasheet
2Mb / 107P
Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter
DAC34SH84 TI1-DAC34SH84_15 Datasheet
1Mb / 93P
Quad-Channel, 16-Bit, 1.5 GSPS Digital-to-Analog Converter (DAC)
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com