Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LBS130S Datasheet (PDF) - SL Power Electronics

LBS130S Datasheet PDF - SL Power Electronics
Part # LBS130S
Download  LBS130S Download
File Size   296.56 Kbytes
Page   3 Pages
Manufacturer  SLPOWER [SL Power Electronics]
Direct Link  http://www.slpower.com/
Logo SLPOWER - SL Power Electronics
Description 130W Single Output LED Supply

LBS130S Datasheet (PDF)

Go To PDF Page Download Datasheet
LBS130S Datasheet PDF - SL Power Electronics

Part # LBS130S
Download  LBS130S Click to download

File Size   296.56 Kbytes
Page   3 Pages
Manufacturer  SLPOWER [SL Power Electronics]
Direct Link  http://www.slpower.com/
Logo SLPOWER - SL Power Electronics
Description 130W Single Output LED Supply

LBS130S Datasheet (HTML) - SL Power Electronics




Similar Part No. - LBS130S

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBS13001 SIPAT-LBS13001 Datasheet
104Kb / 1P
SAW Filter Electrical Characteristic
LBS13001 SIPAT-LBS13001 Datasheet
105Kb / 1P
SAW Filter Electrical Characteristic
LBS13002 SIPAT-LBS13002 Datasheet
50Kb / 1P
SAW Filter Electrical Characteristic
LBS13002 SIPAT-LBS13002 Datasheet
53Kb / 1P
SAW Filter Electrical Characteristic
LBS13004 SIPAT-LBS13004 Datasheet
51Kb / 1P
SAW Filter Electrical Characteristic
More results


Similar Description - LBS130S

ManufacturerPart #DatasheetDescription
logo
DENSEI-LAMBDA
ZWQ80 LAMBDA-ZWQ80 Datasheet
140Kb / 2P
Quad output 80W ~ 130W
logo
Mean Well Enterprises C...
PLC-45 MEANWELL-PLC-45 Datasheet
144Kb / 3P
45W Single Output LED Power Supply
PLN-30 MEANWELL-PLN-30_11 Datasheet
200Kb / 3P
30W Single Output LED Power Supply
PLP-30 MEANWELL-PLP-30_11 Datasheet
330Kb / 3P
30W Single Output LED Power Supply
PLP-20 MEANWELL-PLP-20_12 Datasheet
184Kb / 3P
20W Single Output LED Power Supply
PLC-30 MEANWELL-PLC-30_12 Datasheet
245Kb / 3P
30W Single Output LED Power Supply
HVGC-100 MEANWELL-HVGC-100_12 Datasheet
328Kb / 6P
100W Single Output LED Power Supply
HLG-60H-C MEANWELL-HLG-60H-C Datasheet
727Kb / 6P
70W Single Output LED Power Supply
HLG-120H-C MEANWELL-HLG-120H-C Datasheet
406Kb / 6P
150W Single Output LED Power Supply
logo
SL Power Electronics
LB240S SLPOWER-LB240S Datasheet
280Kb / 4P
240W Single Output LED Supply
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com