Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZWQ80 Datasheet (PDF) - DENSEI-LAMBDA

ZWQ80 Datasheet PDF - DENSEI-LAMBDA
Part # ZWQ80
Download  ZWQ80 Download
File Size   140.01 Kbytes
Page   2 Pages
Manufacturer  LAMBDA [DENSEI-LAMBDA]
Direct Link  http://www.global.tdk.com/
Logo LAMBDA - DENSEI-LAMBDA
Description Quad output 80W ~ 130W

ZWQ80 Datasheet (PDF)

Go To PDF Page Download Datasheet
ZWQ80 Datasheet PDF - DENSEI-LAMBDA

Part # ZWQ80
Download  ZWQ80 Click to download

File Size   140.01 Kbytes
Page   2 Pages
Manufacturer  LAMBDA [DENSEI-LAMBDA]
Direct Link  http://www.global.tdk.com/
Logo LAMBDA - DENSEI-LAMBDA
Description Quad output 80W ~ 130W

ZWQ80 Datasheet (HTML) - DENSEI-LAMBDA


ZWQ80 Product details

Features

• Built-in Active Filter , PFHC type (EN61000-3-2)

• Compact, thin, PCB type Power Supply with quad output

• Wide output voltage range

   V2.V3 output: ±12V/±15V selectable

                      24V(30V) available by connecting in series

   V4 output: 2V,3.3V,5V covered by 5V output (2.0-5.25V)

• Equipped with Remote ON/OFF control

• Wide input voltage range: 85-265VAC

• 1 year warranty



 




Similar Part No. - ZWQ80

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
ZWQ80-5222 TDK-ZWQ80-5222 Datasheet
164Kb / 2P
80W to 170W Quad Output Power Supplies
ZWQ80-5222 TDK-ZWQ80-5222 Datasheet
194Kb / 2P
AC-DC Power Supplies
ZWQ80-5222-A TDK-ZWQ80-5222-A Datasheet
271Kb / 2P
AC-DC Power Supplies
ZWQ80-5222-L TDK-ZWQ80-5222-L Datasheet
194Kb / 2P
AC-DC Power Supplies
ZWQ80-5222/A TDK-ZWQ80-5222/A Datasheet
271Kb / 2P
AC-DC Power Supplies
More results


Similar Description - ZWQ80

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
HLN-80H MEANWELL-HLN-80H Datasheet
266Kb / 5P
80W Single Output Switching Power Supply
HLP-80H MEANWELL-HLP-80H Datasheet
363Kb / 4P
80W Single Output Switching Power Supply
HLN-80H MEANWELL-HLN-80H_12 Datasheet
267Kb / 5P
80W Single Output Switching Power Supply
HLP-80H MEANWELL-HLP-80H_12 Datasheet
355Kb / 4P
80W Single Output Switching Power Supply
HLN-80H MEANWELL-HLN-80H_12 Datasheet
267Kb / 5P
80W Single Output Switching Power Supply
HLG-80H MEANWELL-HLG-80H_12 Datasheet
392Kb / 6P
80W Single Output Switching Power Supply
logo
TDK Electronics
ZWQ1305224 TDK-ZWQ1305224 Datasheet
164Kb / 2P
80W to 170W Quad Output Power Supplies
logo
List of Unclassifed Man...
HLG-80H-24A ETC2-HLG-80H-24A Datasheet
183Kb / 7P
80W Single Output Switching Power Supply
logo
SL Power Electronics
LBS130S SLPOWER-LBS130S Datasheet
296Kb / 3P
130W Single Output LED Supply
logo
Sanyo Semicon Device
2SB817C SANYO-2SB817C Datasheet
450Kb / 2P
140V / 12A, AF 80W Output Applications
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com