Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC32MZ Datasheet (PDF) - Microchip Technology

PIC32MZ Datasheet PDF - Microchip Technology
Part # PIC32MZ
Download  PIC32MZ Download
File Size   829.49 Kbytes
Page   30 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description PIC32MZ Embedded Connectivity with Floating Point Unit Family Starter Kit

PIC32MZ Datasheet (PDF)

Go To PDF Page Download Datasheet
PIC32MZ Datasheet PDF - Microchip Technology

Part # PIC32MZ
Download  PIC32MZ Click to download

File Size   829.49 Kbytes
Page   30 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description PIC32MZ Embedded Connectivity with Floating Point Unit Family Starter Kit

PIC32MZ Datasheet (HTML) - Microchip Technology


PIC32MZ Product details

32-bit MCUs (up to 2 MB Live-Update Flash and 512 KB SRAM) with Audio and Graphics Interfaces, HS USB, Ethernet, and Advanced Analog

Operating Conditions
• 2.2V to 3.6V, -40ºC to +85ºC, DC to 200 MHz
• 2.2V to 3.6V, -40ºC to +125ºC (Planned)

Core: 200 MHz (up to 330 DMIPS) microAptiv™
• 16 KB I-Cache, 4 KB D-Cache
• MMU for optimum embedded OS execution
• microMIPS™ mode for up to 35% smaller code size
• DSP-enhanced core:
   - Four 64-bit accumulators
   - Single-cycle MAC, saturating and fractional math
• Code-efficient (C and Assembly) architecture

Clock Management
• 0.9% internal oscillator
• Programmable PLLs and oscillator clock sources
• Fail-Safe Clock Monitor (FSCM)
• Independent Watchdog Timers (WDT) and Deadman
   Timer (DMT)
• Fast wake-up and start-up

Power Management
• Low-power modes (Sleep and Idle)
• Integrated Power-on Reset and Brown-out Reset

Memory Interfaces
• 50 MHz External Bus Interface (EBI)
• 50 MHz Serial Quad Interface (SQI)

Audio and Graphics Interfaces
• Graphics interfaces: EBI or PMP
• Audio data communication: I2S, LJ, and RJ
• Audio control interfaces: SPI and I2C™
• Audio master clock: Fractional clock frequencies with USB
   synchronization

High-Speed (HS) Communication Interfaces(with Dedicated DMA)
• USB 2.0-compliant Hi-Speed On-The-Go (OTG) controller
• 10/100 Mbps Ethernet MAC with MII and RMII interface

Security Features
• Crypto Engine with a RNG for data encryption/decryption
   and authentication (AES, 3DES, SHA, MD5, and HMAC)
• Advanced memory protection:
   - Peripheral and memory region access control

Direct Memory Access (DMA)
• Eight channels with automatic data size detection
• Programmable Cyclic Redundancy Check (CRC)

Advanced Analog Features
• 12-bit ADC module:
   - 28 Msps with six Sample and Hold (S&H) circuits
   - Up to 48 analog inputs
• Flexible and independent ADC trigger sources
• Two comparators with 32 programmable voltage references
• Temperature sensor with ±2ºC accuracy (Continue ...)




Similar Part No. - PIC32MZ

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC32MZ MICROCHIP-PIC32MZ Datasheet
5Mb / 718P
32-bit MCUs (up to 2 MB Live-Update Flash and 512 KB SRAM) with FPU, Audio and Graphics Interfaces, HS USB, Ethernet, and Advanced Analog
07/14/15
PIC32MZ0512EFE064 MICROCHIP-PIC32MZ0512EFE064 Datasheet
5Mb / 718P
32-bit MCUs (up to 2 MB Live-Update Flash and 512 KB SRAM) with FPU, Audio and Graphics Interfaces, HS USB, Ethernet, and Advanced Analog
07/14/15
PIC32MZ0512EFE064-I/MR MICROCHIP-PIC32MZ0512EFE064-I/MR Datasheet
5Mb / 718P
32-bit MCUs (up to 2 MB Live-Update Flash and 512 KB SRAM) with FPU, Audio and Graphics Interfaces, HS USB, Ethernet, and Advanced Analog
07/14/15
PIC32MZ0512EFE064-I/PT MICROCHIP-PIC32MZ0512EFE064-I/PT Datasheet
5Mb / 718P
32-bit MCUs (up to 2 MB Live-Update Flash and 512 KB SRAM) with FPU, Audio and Graphics Interfaces, HS USB, Ethernet, and Advanced Analog
07/14/15
PIC32MZ0512EFE064T-I/ MICROCHIP-PIC32MZ0512EFE064T-I/ Datasheet
5Mb / 718P
32-bit MCUs (up to 2 MB Live-Update Flash and 512 KB SRAM) with FPU, Audio and Graphics Interfaces, HS USB, Ethernet, and Advanced Analog
07/14/15
More results


Similar Description - PIC32MZ

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
80960KB INTEL-80960KB Datasheet
418Kb / 39P
EMBEDDED 32-BIT MICROPROCESSOR WITH INTEGRATED FLOATING-POINT UNIT
80960MC INTEL-80960MC Datasheet
406Kb / 39P
EMBEDDED 32-BIT MICROPROCESSOR WITH INTEGRATED FLOATING-POINT UNIT AND MEMORY MANAGEMENT UNIT
logo
Digital Core Design
DFPADD DCD-DFPADD Datasheet
111Kb / 3P
Floating Point Pipelined Adder Unit
DFPCOMP DCD-DFPCOMP Datasheet
120Kb / 3P
Floating Point Comparator Unit
DFPDIV DCD-DFPDIV Datasheet
120Kb / 3P
Floating Point Pipelined Divider Unit
DFPMUL DCD-DFPMUL Datasheet
121Kb / 3P
Floating Point Pipelined Multiplier Unit
DFPSQRT DCD-DFPSQRT Datasheet
128Kb / 3P
Floating Point Pipelined Square Root Unit
logo
Infineon Technologies A...
B158-H8539-G2-X-7600 INFINEON-B158-H8539-G2-X-7600 Datasheet
22Kb / 1P
SK-TC176x Family Starter Kit
last Version 1.0.
logo
Intel Corporation
A80960KB20 INTEL-A80960KB20 Datasheet
2Mb / 44P
EMBEDDED 32-BIT MICROPROCESSOR WITH INTEGRATED FLOATING-POINT UNIT
A80960KB25 INTEL-A80960KB25 Datasheet
2Mb / 44P
EMBEDDED 32-BIT MICROPROCESSOR WITH INTEGRATED FLOATING-POINT UNIT
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com