Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

80960MC Datasheet (PDF) - Intel Corporation

80960MC Datasheet PDF - Intel Corporation
Part # 80960MC
Download  80960MC Download
File Size   406.57 Kbytes
Page   39 Pages
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation
Description EMBEDDED 32-BIT MICROPROCESSOR WITH INTEGRATED FLOATING-POINT UNIT AND MEMORY MANAGEMENT UNIT

80960MC Datasheet (PDF)

Go To PDF Page Download Datasheet
80960MC Datasheet PDF - Intel Corporation

Part # 80960MC
Download  80960MC Click to download

File Size   406.57 Kbytes
Page   39 Pages
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation
Description EMBEDDED 32-BIT MICROPROCESSOR WITH INTEGRATED FLOATING-POINT UNIT AND MEMORY MANAGEMENT UNIT

80960MC Datasheet (HTML) - Intel Corporation


80960MC Product details

THE i960® MC PROCESSOR
The 80960MC, a member of Intel’s i960® 32-bit processor family, is ideally suited for embedded applications. It includes a 512-byte instruction cache and a built-in interrupt controller. The 80960MC has a large register set, multiple parallel execution units and a high-bandwidth burst bus. Using advanced RISC technology, this processor is capable of execution rates in excess of 9.4 million instructions per second*.

■ High-Performance Embedded Architecture
   — 25 MIPS Burst Execution at 25 MHz
   — 9.4 MIPS* Sustained Execution at 25 MHz
■ On-Chip Floating Point Unit
   — Supports IEEE 754 Floating Point Standard
   — Full Transcendental Support
   — Four 80-Bit Registers
   — 13.6 Million Whetstones/s (Single Precision) at 25 MHz
■ 512-Byte On-Chip Instruction Cache
   — Direct Mapped
   — Parallel Load/Decode for Uncached Instructions
■ Multiple Register Sets
   — Sixteen Global 32-Bit Registers
   — Sixteen Local 32-Bit Registers
   — Four Local Register Sets Stored On-Chip (Sixteen 32-Bit Registers per Set)
   — Register Scoreboarding
■ On-Chip Memory Management Unit
   — 4 Gbyte Virtual Address Space per Task
   — 4 Kbyte Pages with Supervisor/User Protection
■ Built-in Interrupt Controller
   — 32 Priority Levels
   — 248 Vectors
   — Supports M8259A
   — 3.4 µs Latency @ 25 MHz
■ Easy to Use, High Bandwidth 32-Bit Bus
   — 66.7 Mbytes/s Burst
   — Up to 16 Bytes Transferred per Burst
■ Multitasking and Multiprocessor Support
   — Automatic Task dispatching
   — Prioritized Task Queues
■ Advanced Package Technology
   — 132-Lead Ceramic Pin Grid Array




Similar Part No. - 80960MC

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
80960 INTEL-80960 Datasheet
825Kb / 77P
3.3 V EMBEDDED 32-BIT MICROPROCESSOR
logo
Festo Corporation.
8096057 FESTO-8096057 Datasheet
70Kb / 1P
Axial kit
1/24/23
logo
Intel Corporation
80960CA-16 INTEL-80960CA-16 Datasheet
1Mb / 62P
SPECIAL ENVIRONMENT 80960CA-25, -16 32-BIT HIGH-PERFORMANCE EMBEDDED PROCESSOR
80960CA-16 INTEL-80960CA-16 Datasheet
977Kb / 68P
80960CA-33, -25, -16 32-BIT HIGH-PERFORMANCE EMBEDDED PROCESSOR
80960CA-25 INTEL-80960CA-25 Datasheet
1Mb / 62P
SPECIAL ENVIRONMENT 80960CA-25, -16 32-BIT HIGH-PERFORMANCE EMBEDDED PROCESSOR
More results


Similar Description - 80960MC

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC68851 MOTOROLA-MC68851 Datasheet
1Mb / 47P
32-Bit Paged Memory Management Unit
logo
Intel Corporation
80960KB INTEL-80960KB Datasheet
418Kb / 39P
EMBEDDED 32-BIT MICROPROCESSOR WITH INTEGRATED FLOATING-POINT UNIT
logo
Analog Devices
ADSP-21020 AD-ADSP-21020 Datasheet
422Kb / 32P
32/40-Bit IEEE Floating-Point DSP Microprocessor
REV. C
logo
Digital Core Design
DFPADD DCD-DFPADD Datasheet
111Kb / 3P
Floating Point Pipelined Adder Unit
DFPCOMP DCD-DFPCOMP Datasheet
120Kb / 3P
Floating Point Comparator Unit
logo
Intel Corporation
NG80386DX33 INTEL-NG80386DX33 Datasheet
1Mb / 139P
32-BIT CHMOS MICROPROCESSOR WITH INTEGRATED MEMORY MANAGEMENT
A80960KB20 INTEL-A80960KB20 Datasheet
2Mb / 44P
EMBEDDED 32-BIT MICROPROCESSOR WITH INTEGRATED FLOATING-POINT UNIT
A80960KB25 INTEL-A80960KB25 Datasheet
2Mb / 44P
EMBEDDED 32-BIT MICROPROCESSOR WITH INTEGRATED FLOATING-POINT UNIT
logo
Microchip Technology
PIC32MZ MICROCHIP-PIC32MZ Datasheet
829Kb / 30P
PIC32MZ Embedded Connectivity with Floating Point Unit Family Starter Kit
07/14/15
logo
Silicon Laboratories
EFM32WG900 SILABS-EFM32WG900 Datasheet
477Kb / 27P
DSP instruction support and floating-point unit
More results




About Intel Corporation


Intel Corporation is an American multinational corporation and technology company headquartered in Santa Clara, California.
It is one of the world's largest and highest valued semiconductor chip makers, based on revenue.
Intel is best known for its development of microprocessors, the central processing units (CPUs) of computers.
Founded in 1968, Intel has been a leader in the computer hardware industry for over five decades.
In addition to microprocessors, the company offers a wide range of products and technologies, including data center and network equipment, solid-state drives, internet of things (IoT) devices, and more.
Intel is also a leading player in the development of 5G networks and autonomous vehicles.
With a focus on innovation and technology leadership, Intel continues to play a significant role in shaping the future of computing and technology.
The company invests heavily in research and development and has been awarded over 17,000 patents for its innovations.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com