Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

80960MC Datasheet(PDF) 5 Page - Intel Corporation

Part # 80960MC
Description  EMBEDDED 32-BIT MICROPROCESSOR WITH INTEGRATED FLOATING-POINT UNIT AND MEMORY MANAGEMENT UNIT
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

80960MC Datasheet(HTML) 5 Page - Intel Corporation

  80960MC Datasheet HTML 1Page - Intel Corporation 80960MC Datasheet HTML 2Page - Intel Corporation 80960MC Datasheet HTML 3Page - Intel Corporation 80960MC Datasheet HTML 4Page - Intel Corporation 80960MC Datasheet HTML 5Page - Intel Corporation 80960MC Datasheet HTML 6Page - Intel Corporation 80960MC Datasheet HTML 7Page - Intel Corporation 80960MC Datasheet HTML 8Page - Intel Corporation 80960MC Datasheet HTML 9Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 39 page
background image
PRELIMINARY
1
80960MC
1.0
THE i960® MC PROCESSOR
The 80960MC, a member of Intel’s i960
® 32-bit
processor family, is ideally suited for embedded
applications. It includes a 512-byte instruction cache
and a built-in interrupt controller. The 80960MC has
a large register set, multiple parallel execution units
and a high-bandwidth burst bus. Using advanced
RISC technology, this processor is capable of
execution rates in excess of 9.4 million instructions
per second
*. The 80960MC is well-suited for a wide
range of applications including non-impact printers,
I/O control and
specialty
instrumentation.
The
embedded market includes applications as diverse
as
industrial
automation,
avionics,
image
processing, graphics and networking. These types of
applications require high integration, low power
consumption, quick interrupt response times and
* Relative to Digital Equipment Corporation’s VAX-11/780*
at 1 MIPS
high performance. Since time to market is critical,
embedded processors must be easy to use in both
hardware and software designs.
All members of the i960 processor family share a
common core architecture which utilizes RISC tech-
nology so that, except for special functions, the
family members are object-code compatible. Each
new processor in the family adds its own special set
of functions to the core to satisfy the needs of a
specific application or range of applications in the
embedded market.
The 80960MC includes an integrated Floating Point
Unit (FPU), a Memory Management Unit (MMU),
multitasking support, and multiprocessor support.
Two commercial members of the i960® family
provide similar features: the 80960KB processor with
integrated FPU and the 80960KA without floating-
point.
Figure 1. 80960MC Programming Environment
INSTRUCTION CACHE
INSTRUCTION
STREAM
FETCH
LOAD
STORE
SIXTEEN 32-BIT GLOBAL REGISTERS
g0
g15
SIXTEEN 32-BIT LOCAL REGISTERS
REGISTER CACHE
FOUR 80-BIT FLOATING POINT REGISTERS
r0
r15
CONTROL REGISTERS
INSTRUCTION
EXECUTION
INSTRUCTION
POINTER
ARITHMETIC
CONTROLS
PROCESS
CONTROLS
TRACE
CONTROLS
ARCHITECTURALLY
DEFINED
DATA STRUCTURES
FFFF FFFFH
0000 0000H
ADDRESS SPACE
PROCESSOR STATE
REGISTERS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com