Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

80960MC Datasheet(PDF) 13 Page - Intel Corporation

Part # 80960MC
Description  EMBEDDED 32-BIT MICROPROCESSOR WITH INTEGRATED FLOATING-POINT UNIT AND MEMORY MANAGEMENT UNIT
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

80960MC Datasheet(HTML) 13 Page - Intel Corporation

Back Button 80960MC Datasheet HTML 9Page - Intel Corporation 80960MC Datasheet HTML 10Page - Intel Corporation 80960MC Datasheet HTML 11Page - Intel Corporation 80960MC Datasheet HTML 12Page - Intel Corporation 80960MC Datasheet HTML 13Page - Intel Corporation 80960MC Datasheet HTML 14Page - Intel Corporation 80960MC Datasheet HTML 15Page - Intel Corporation 80960MC Datasheet HTML 16Page - Intel Corporation 80960MC Datasheet HTML 17Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 39 page
background image
80960MC
PRELIMINARY
9
1.1.16 Inter-Agent Communications (IAC)
To coordinate their actions, processors in a multiple
processor system need a means for communicating
with each other. The 80960MC does this through a
mechanism known as “IACs” — Inter-Agent Commu-
nication messages.
IAC messages cause a variety of actions including
starting and stopping processors, flushing instruction
caches and TLBs, and sending interrupts to other
processors in the system. The upper 16 Mbytes of
the processor’s physical memory space is reserved
for sending and receiving IAC messages.
1.1.17 Built-in Testability
Upon reset, the 80960MC automatically conducts an
exhaustive internal test of its major blocks of logic.
Then, before executing its first instruction, it does a
zero check sum on the first eight words in memory to
ensure that the memory image was programmed
correctly. When a problem is discovered at any point
during the self-test, the 80960MC asserts its
FAILURE pin and does not begin program execu-
tion. Self test takes approximately 47,000 cycles to
complete.
System manufacturers can use the 80960MC’s self-
test feature during incoming parts inspection. No
special diagnostic programs need to be written. The
test is both thorough and fast. The self-test capability
helps ensure that defective parts are discovered
before systems are shipped and, once in the field,
the self-test makes it easier to distinguish between
problems caused by processor failure and problems
resulting from other causes.
1.1.18 Compatibility with 80960K-Series
Application programs written for the 80960K-Series
microprocessors can be run on the 80960MC
without modification. The 80960K-Series instruction
set forms the core of the 80960MC’s instructions, so
binary compatibility is assured.
1.1.19 CHMOS
The 80960MC is fabricated using Intel’s CHMOS IV
(Complementary High Speed Metal Oxide Semicon-
ductor) process. The 80960MC is currently available
at 25 MHz.
Table 4. 80960MC Pin Description: L-Bus Signals (Sheet 1 of 3)
NAME
TYPE
DESCRIPTION
CLK2
I
SYSTEM CLOCK provides the fundamental timing for 80960MC systems. It is
divided by two inside the 80960MC to generate the internal processor clock. Refer
to Figure 16, Processor Clock Pulse (CLK2) (pg. 21)
LAD31:0
I/O
T.S.
LOCAL ADDRESS / DATA BUS carries 32-bit physical addresses and data to and
from memory. During an address (Ta) cycle, bits 2-31 contain a physical word
address (bits 0-1 indicate SIZE; see below). During a data (Td) cycle, bits 0-31
contain read or write data. These pins float to a high impedance state when not
active.
Bits 0-1 comprise SIZE during a Ta cycle. SIZE specifies burst transfer size in
words.
LAD1
LAD0
00
1 Word
0
1
2 Words
1
0
3 Words
1
1
4 Words
ALE
O
T.S.
ADDRESS LATCH ENABLE indicates the transfer of a physical address. ALE is
asserted during a Ta cycle and deasserted before the beginning of the Td state. It is
active LOW and floats to a high impedance state during a hold cycle (Th).
I/O = Input/Output, O = Output, I = Input, O.D. = Open Drain, T.S. = Three-state



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com