Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

80960MC Datasheet(PDF) 32 Page - Intel Corporation

Part # 80960MC
Description  EMBEDDED 32-BIT MICROPROCESSOR WITH INTEGRATED FLOATING-POINT UNIT AND MEMORY MANAGEMENT UNIT
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

80960MC Datasheet(HTML) 32 Page - Intel Corporation

Back Button 80960MC Datasheet HTML 28Page - Intel Corporation 80960MC Datasheet HTML 29Page - Intel Corporation 80960MC Datasheet HTML 30Page - Intel Corporation 80960MC Datasheet HTML 31Page - Intel Corporation 80960MC Datasheet HTML 32Page - Intel Corporation 80960MC Datasheet HTML 33Page - Intel Corporation 80960MC Datasheet HTML 34Page - Intel Corporation 80960MC Datasheet HTML 35Page - Intel Corporation 80960MC Datasheet HTML 36Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 39 page
background image
28
PRELIMINARY
80960MC
3.3
Package Thermal Specification
The 80960MC is specified for operation when case
temperature is within the range 0°C to 85°C (PGA).
Measure case temperature at the top center of the
package. Ambient temperature can be calculated
from:
•TJ = TC + P*θjc
•TA = TJ + P*θja
•TC = TA + P*[θja−θjc]
Values for
θ
ja and θjc for various airflows are given in
Table 10 for the PGA package. The PGA’s
θ
ja can
be reduced by adding a heatsink.
Maximum
allowable
ambient
temperature
(TA)
permitted without exceeding TC is shown by the
graphs in Figure 23, Figure 24 and Figure 25. The
curves assume the maximum permitted supply
current (ICC) at each speed, VCC of +5.0 V and a
TCASE of +85° C (PGA).
Table 10. 80960MC PGA Package Thermal Characteristics
Thermal Resistance — °C/Watt
Parameter
Airflow — ft./min (m/sec)
0
(0)
50
(0.25)
100
(0.50)
200
(1.01)
400
(2.03)
600
(3.04)
800
(4.06)
θ Junction-to-Case
2
222
222
θ Case-to-Ambient
(No Heatsink)
19
18
17
15
12
10
9
θ Case-to-Ambient
(Omnidirectional
Heatsink)
16
15
14
12
9
7
6
θ Case-to-Ambient
(Unidirectional
Heatsink)
15
14
13
11
8
6
5
NOTES:
1. This table applies to 80960MC PGA plugged into socket or soldered directly to board.
2.
θ
JA = θJC + θCA
3.
θ
J-CAP = 4°C/W (approx.)
θ
J-PIN = 4°C/W (inner pins) (approx.)
θ
J-PIN = 8°C/W (outer pins) (approx.)
θ
JC
θ
JA
θ
J-PIN
θ
J-CAP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com