Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

80960MC Datasheet(PDF) 17 Page - Intel Corporation

Part # 80960MC
Description  EMBEDDED 32-BIT MICROPROCESSOR WITH INTEGRATED FLOATING-POINT UNIT AND MEMORY MANAGEMENT UNIT
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

80960MC Datasheet(HTML) 17 Page - Intel Corporation

Back Button 80960MC Datasheet HTML 13Page - Intel Corporation 80960MC Datasheet HTML 14Page - Intel Corporation 80960MC Datasheet HTML 15Page - Intel Corporation 80960MC Datasheet HTML 16Page - Intel Corporation 80960MC Datasheet HTML 17Page - Intel Corporation 80960MC Datasheet HTML 18Page - Intel Corporation 80960MC Datasheet HTML 19Page - Intel Corporation 80960MC Datasheet HTML 20Page - Intel Corporation 80960MC Datasheet HTML 21Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 39 page
background image
80960MC
PRELIMINARY
13
2.0
ELECTRICAL SPECIFICATIONS
2.1
Power and Grounding
The 80960MC is implemented in CHMOS IV tech-
nology and therefore has modest power require-
ments. Its high clock frequency and numerous
output buffers (address/data, control, error and arbi-
tration signals) can cause power surges as multiple
output buffers simultaneously drive new signal
levels. For clean on-chip power distribution, VCC and
VSS pins separately feed the device’s functional
units. Power and ground connections must be made
to all 80960MC power and ground pins. On the
circuit board, all Vcc pins must be strapped closely
together, preferably on a power plane; all Vss pins
should be strapped together, preferably on a ground
plane.
2.2
Power Decoupling
Recommendations
Place a liberal amount of decoupling capacitance
near the 80960MC. When driving the L-bus the
processor can cause transient power surges, partic-
ularly when connected to a large capacitive load.
Low inductance capacitors and interconnects are
recommended for best high frequency electrical
performance. Inductance is reduced by shortening
board traces between the processor and decoupling
capacitors as much as possible.
2.3
Connection Recommendations
For reliable operation, always connect unused inputs
to an appropriate signal level. In particular, when
one or more interrupt lines are not used, they should
be pulled up. No inputs should ever be left floating.
All open-drain outputs require a pull-up device.
While in most cases a simple pull-up resistor is
adequate, a network of pull-up and pull-down resis-
tors biased to a valid VIH (>3.0 V) and terminated in
the characteristic impedance of the circuit board is
recommended
to
limit
noise
and
AC
power
consumption. Figure 5 and Figure 6 show recom-
mended values for the resistor network for low and
high current drive, assuming a characteristic imped-
ance of 100
Ω. Terminating output signals in this
fashion limits signal swing and reduces AC power
consumption.
NOTE:
Do not connect external logic to pins marked N.C.
Figure 4. Connection Recommendations
for Low Current Drive Network
Figure 5. Connection Recommendations
for High Current Drive Network
2.4
Characteristic Curves
Figure 7 shows typical supply current requirements
over
the
operating
temperature
range
of
the
processor at supply voltage (VCC) of 5 V. Figure 8
and Figure 9 show the typical power supply current
(ICC) that the 80960MC requires at various operating
frequencies when measured at three input voltage
(VCC) levels and two temperatures.
For a given output current (IOL) the curve in
Figure 10 shows the worst case output low voltage
(VOL). Figure 11 shows the typical capacitive
derating curve for the 80960MC measured from 1.5V
on the system clock (CLK) to 1.5V on the falling
edge and 1.5V on the rising edge of the L-Bus
address/data (LAD) signals.
220
Ω
330
Ω
Low Drive Network:
VOH = 3.0 V
IOL = 20.7 mA
VCC
OPEN-DRAIN OUTPUT
OPEN-DRAIN OUTPUT
180
Ω
390
Ω
High Drive Network:
VOH = 3.4 V
IOL = 25.3 mA
VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com