Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STGF17NC60SD Datasheet (PDF) - STMicroelectronics

STGF17NC60SD Datasheet PDF - STMicroelectronics
Part # STGF17NC60SD
Download  STGF17NC60SD Download
File Size   375.23 Kbytes
Page   9 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 17 A, 600 V fast IGBT with Ultrafast diode

STGF17NC60SD Datasheet (PDF)

Go To PDF Page Download Datasheet
STGF17NC60SD Datasheet PDF - STMicroelectronics

Part # STGF17NC60SD
Download  STGF17NC60SD Click to download

File Size   375.23 Kbytes
Page   9 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 17 A, 600 V fast IGBT with Ultrafast diode

STGF17NC60SD Datasheet (HTML) - STMicroelectronics


STGF17NC60SD Product details

Description
This high voltage and fast IGBT shows an excellent compromise between low conduction loss and fast switching performance. It is designed in PowerMESH™ technology combined with Ultrafast diode.

Features
■ Very low on-voltage drop (VCE(sat))
■ Minimum power losses at 5 kHz in hard switching
■ Optimized performance for medium operating frequencies
■ IGBT co-packaged with Ultrafast freewheeling diode




Similar Part No. - STGF17NC60SD

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGF100N30 STMICROELECTRONICS-STGF100N30 Datasheet
699Kb / 13P
90 A - 330 V - fast IGBT
11-Feb-2009
STGF10H60DF STMICROELECTRONICS-STGF10H60DF Datasheet
1Mb / 24P
Trench gate field-stop IGBT, H series 600 V, 10 A high speed
31-Oct-2013
STGF10HF60KD STMICROELECTRONICS-STGF10HF60KD Datasheet
477Kb / 13P
10 A - 600 V - short-circuit rugged IGBT
23-Feb-2012
STGF10HF60KD STMICROELECTRONICS-STGF10HF60KD Datasheet
477Kb / 13P
10 A - 600 V - short-circuit rugged IGBT
23-Feb-2012
STGF10M65DF2 STMICROELECTRONICS-STGF10M65DF2 Datasheet
989Kb / 17P
Trench gate field-stop IGBT, M series 650 V, 10 A low-loss in TO-220FP package
April 2017
More results


Similar Description - STGF17NC60SD

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGWA19NC60HD STMICROELECTRONICS-STGWA19NC60HD Datasheet
522Kb / 14P
31 A, 600 V, very fast IGBT with Ultrafast diode
14-Sep-2011
STGD3HF60HDT4 STMICROELECTRONICS-STGD3HF60HDT4 Datasheet
925Kb / 16P
4.5 A, 600 V very fast IGBT with Ultrafast diode
22-Dec-2010
STGD3HF60HDT4 STMICROELECTRONICS-STGD3HF60HDT4 Datasheet
925Kb / 16P
4.5 A, 600 V very fast IGBT with Ultrafast diode
22-Dec-2010
STGP35HF60W STMICROELECTRONICS-STGP35HF60W Datasheet
776Kb / 13P
35 A, 600 V Ultrafast IGBT
06-Nov-2012
STGB3HF60HD STMICROELECTRONICS-STGB3HF60HD Datasheet
1Mb / 26P
4.5 A, 600 V very fast IGBT with Ultrafast diode
19-Sep-2016
STGF19NC60SD STMICROELECTRONICS-STGF19NC60SD Datasheet
535Kb / 15P
20 A, 600 V fast IGBT with Ultrafast diode
05-Nov-2010
STGW19NC60W STMICROELECTRONICS-STGW19NC60W Datasheet
234Kb / 13P
19 A, 600 V - ultrafast IGBT
07-Nov-2016
STGW35HF60WDI STMICROELECTRONICS-STGW35HF60WDI Datasheet
1Mb / 15P
35 A, 600 V ultrafast IGBT with low drop diode
25-Aug-2011
STGD3HF60HD STMICROELECTRONICS-STGD3HF60HD Datasheet
925Kb / 16P
4.5 A, 600 V very fast IGBT with Ultrafast diode
22-Dec-2010
STGB7NC60HD STMICROELECTRONICS-STGB7NC60HD_V01 Datasheet
1Mb / 22P
N-channel 14 A, 600 V, very fast IGBT with Ultrafast diode
27-Jun-2012
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com