Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STGF19NC60SD Datasheet (PDF) - STMicroelectronics

STGF19NC60SD Datasheet PDF - STMicroelectronics
Part # STGF19NC60SD
Download  STGF19NC60SD Download
File Size   535.58 Kbytes
Page   15 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 20 A, 600 V fast IGBT with Ultrafast diode

STGF19NC60SD Datasheet (PDF)

Go To PDF Page Download Datasheet
STGF19NC60SD Datasheet PDF - STMicroelectronics

Part # STGF19NC60SD
Download  STGF19NC60SD Click to download

File Size   535.58 Kbytes
Page   15 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 20 A, 600 V fast IGBT with Ultrafast diode

STGF19NC60SD Datasheet (HTML) - STMicroelectronics


STGF19NC60SD Product details

Description
This IGBT utilizes the advanced PowerMESH™ process resulting in an excellent trade-off between switching performance and low on-state behavior.

Features
■ Very low on-voltage drop (VCE(sat))
■ Minimum power losses at 5 kHz in hard switching
■ Optimized performance for medium operating frequencies.
■ IGBT co-packaged with Ultrafast freewheeling diode




Similar Part No. - STGF19NC60SD

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGF19NC60HD STMICROELECTRONICS-STGF19NC60HD Datasheet
276Kb / 14P
N-channel 600V - 9A - TO-220FP Very fast PowerMESH TM IGBT
05-Jan-2007
STGF19NC60HD STMICROELECTRONICS-STGF19NC60HD Datasheet
511Kb / 18P
19 A - 600 V - very fast IGBT
01-Jul-2008
STGF19NC60HD STMICROELECTRONICS-STGF19NC60HD Datasheet
524Kb / 18P
19 A - 600 V - very fast IGBTE[
13-Oct-2008
STGF19NC60HD STMICROELECTRONICS-STGF19NC60HD Datasheet
724Kb / 17P
19 A - 600 V - very fast IGBT
19-May-2009
STGF19NC60KD STMICROELECTRONICS-STGF19NC60KD Datasheet
586Kb / 17P
20 A - 600 V - short circuit rugged IGBT
28-May-2008
More results


Similar Description - STGF19NC60SD

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGWA19NC60HD STMICROELECTRONICS-STGWA19NC60HD Datasheet
522Kb / 14P
31 A, 600 V, very fast IGBT with Ultrafast diode
14-Sep-2011
STGD3HF60HDT4 STMICROELECTRONICS-STGD3HF60HDT4 Datasheet
925Kb / 16P
4.5 A, 600 V very fast IGBT with Ultrafast diode
22-Dec-2010
STGD3HF60HDT4 STMICROELECTRONICS-STGD3HF60HDT4 Datasheet
925Kb / 16P
4.5 A, 600 V very fast IGBT with Ultrafast diode
22-Dec-2010
STGF17NC60SD STMICROELECTRONICS-STGF17NC60SD Datasheet
375Kb / 9P
17 A, 600 V fast IGBT with Ultrafast diode
14-Nov-2012
STGB3HF60HD STMICROELECTRONICS-STGB3HF60HD Datasheet
1Mb / 26P
4.5 A, 600 V very fast IGBT with Ultrafast diode
19-Sep-2016
STGB19NC60S STMICROELECTRONICS-STGB19NC60S Datasheet
423Kb / 15P
20 A, 600 V fast IGBT
08-Nov-2010
STGW35HF60WDI STMICROELECTRONICS-STGW35HF60WDI Datasheet
1Mb / 15P
35 A, 600 V ultrafast IGBT with low drop diode
25-Aug-2011
logo
Sanken electric
MGD622 SANKEN-MGD622 Datasheet
362Kb / 13P
VCE = 600 V, IC = 20 A Trench IGBT with Fast Recovery Diode
logo
STMicroelectronics
STGD3HF60HD STMICROELECTRONICS-STGD3HF60HD Datasheet
925Kb / 16P
4.5 A, 600 V very fast IGBT with Ultrafast diode
22-Dec-2010
STGB7NC60HD STMICROELECTRONICS-STGB7NC60HD_V01 Datasheet
1Mb / 22P
N-channel 14 A, 600 V, very fast IGBT with Ultrafast diode
27-Jun-2012
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com