Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC560D30L3C4E0X Datasheet (PDF) - STMicroelectronics

SPC560D30L3C4E0X Datasheet PDF - STMicroelectronics
Part # SPC560D30L3C4E0X
Download  SPC560D30L3C4E0X Download
File Size   686.16 Kbytes
Page   90 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 32-bit MCU family built on the Power Architecture for automotive body electronics applications

SPC560D30L3C4E0X Datasheet (PDF)

Go To PDF Page Download Datasheet
SPC560D30L3C4E0X Datasheet PDF - STMicroelectronics

Part # SPC560D30L3C4E0X
Download  SPC560D30L3C4E0X Click to download

File Size   686.16 Kbytes
Page   90 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 32-bit MCU family built on the Power Architecture for automotive body electronics applications

SPC560D30L3C4E0X Datasheet (HTML) - STMicroelectronics


SPC560D30L3C4E0X Product details

Features
■ High-performance up to 48 MHz e200z0h CPU – 32-bit Power Architecture® technology CPU – Variable length encoding (VLE)
■ Memory – Up to 256 KB Code Flash with ECC – Up to 64 (4x16) KB Data Flash with ECC – Up to 16 KB SRAM with ECC
■ Interrupts – 16 priority levels – Non-maskable interrupt (NMI) – Up to 38 external interrupts incl. 18 wakeup lines
■ 16-channel eDMA
■ GPIOs: 45 (LQFP64), 79 (LQFP100)
■ Timer units – 4-channel 32-bit periodic interrupt timers – 4-channel 32-bit system timer module – System watchdog timer – 32 bit real-time clock timer
■ 16-bit counter time-triggered I/Os – Up to 28 channels with PWM/MC/IC/OC – 5 independent counters – 27 ch. with ADC trigger capability
■ 12-bit analog-to-digital converter (ADC) with up to 33 channels – Up to 61 channels via external multiplexing – Individual conversion registers – Cross triggering unit (CTU)
■ Dedicated diagnostic module for lighting – Advanced PWM generation – Time-triggered diagnostics – PWM-synchronized ADC measurements
■ Communications interfaces – 1 FlexCAN interface (2.0B active) with 32 message buffers – 3 LINFlex/UART, 1 with DMA capability – 2 DSPI
■ Clock generation – 4 to 16 MHz fast external crystal oscillator – 16 MHz fast internal RC oscillator – 128 kHz slow internal RC oscillator – Software-controlled FMPLL – Clock monitoring unit
■ Exhaustive debugging capability – Nexus1 on all packages – Nexus2+ available on emulation device (SPC560B64B2-ENG)
■ On-chip CAN/UART bootstrap loader
■ Low power capabilities – Several low power mode configurations – Ultra-low power standby with RTC,SRAM and CAN monitoring – Fast wakeup schemes
■ Single 5 V or 3.3 V supply
■ Operates in ambient temperature range of -40 to 125 °C




Similar Part No. - SPC560D30L3C4E0X

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SPC560D30L3 STMICROELECTRONICS-SPC560D30L3 Datasheet
1Mb / 82P
32-bit MCU family built on the Power Architecture for automotive body electronics applications
01-Nov-2018
More results


Similar Description - SPC560D30L3C4E0X

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPC5604B FREESCALE-MPC5604B_10 Datasheet
1Mb / 106P
32-bit MCU family built on the Power Architecture for automotive
logo
STMicroelectronics
SPC56EC74L7 STMICROELECTRONICS-SPC56EC74L7 Datasheet
1Mb / 118P
32-bit MCU family built on the Power Architecture® for automotive body electronics applications
December 2011 Rev 4
SPC560B64L5 STMICROELECTRONICS-SPC560B64L5 Datasheet
1,011Kb / 134P
32-bit MCU family built on the Power Architecture® for automotive body electronics applications
12-Sep-2011
SPC560D40L1 STMICROELECTRONICS-SPC560D40L1 Datasheet
763Kb / 82P
32-bit MCU family built on the Power Architecture® for automotive body electronics applications
01-Dec-2011
SPC564B74L7 STMICROELECTRONICS-SPC564B74L7 Datasheet
1Mb / 118P
32-bit MCU family built on the Power Architecture® for automotive body electronics applications
01-Dec-2011
SPC574K70E5 STMICROELECTRONICS-SPC574K70E5 Datasheet
3Mb / 127P
32-bit Power Architecture based MCU for automotive applications
22-Jul-2015
SPC58EEX STMICROELECTRONICS-SPC58EEX Datasheet
2Mb / 154P
32-bit Power Architecture microcontroller for automotive ASIL-D applications
01-Jul-2019
SPC574S60E3 STMICROELECTRONICS-SPC574S60E3 Datasheet
1Mb / 77P
32-bit Power Architecture microcontroller for automotive ASILD applications
14-Feb-2020
SPC584G80C3 STMICROELECTRONICS-SPC584G80C3 Datasheet
2Mb / 139P
32-bit Power Architecture microcontroller for automotive ASIL-D applications
26-Jul-2019
SPC584NX STMICROELECTRONICS-SPC584NX Datasheet
2Mb / 158P
32-bit Power Architecture microcontroller for automotive ASIL-D applications
06-Dec-2021
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com