Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BTS436L2 Datasheet (PDF) - Infineon Technologies AG

BTS436L2 Datasheet PDF - Infineon Technologies AG
Part # BTS436L2
Download  BTS436L2 Download
File Size   261.86 Kbytes
Page   12 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description Smart High-Side Power Switch One Channel: 38m??Status Feedback

BTS436L2 Datasheet (PDF)

Go To PDF Page Download Datasheet
BTS436L2 Datasheet PDF - Infineon Technologies AG

Part # BTS436L2
Download  BTS436L2 Click to download

File Size   261.86 Kbytes
Page   12 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description Smart High-Side Power Switch One Channel: 38m??Status Feedback

BTS436L2 Datasheet (HTML) - Infineon Technologies AG




Similar Part No. - BTS436L2

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BTS4300SGA INFINEON-BTS4300SGA Datasheet
441Kb / 25P
Smart High-Side Power Switch
Rev. 1.0, March 2008
logo
Siemens Semiconductor G...
BTS430K2 SIEMENS-BTS430K2 Datasheet
116Kb / 13P
Smart Highside Power Switch (Clamp of negative voltage at output Short-circuit protection Current limitation)
logo
Infineon Technologies A...
BTS43212E3122A INFINEON-BTS43212E3122A Datasheet
166Kb / 15P
Smart Highside Power Switch
1999-02-19
logo
Siemens Semiconductor G...
BTS432D SIEMENS-BTS432D Datasheet
149Kb / 7P
High-side switch
BTS432D2 SIEMENS-BTS432D2 Datasheet
143Kb / 13P
Smart Highside Power Switch (Clamp of negative voltage at output Short-circuit protection Current limitation Thermal shutdown)
More results


Similar Description - BTS436L2

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BTS428L2 INFINEON-BTS428L2 Datasheet
240Kb / 13P
Smart High-Side Power Switch One Channel: 60m??Status Feedback
2003-Oct-01
BTS441R INFINEON-BTS441R Datasheet
226Kb / 12P
Smart Highside Power Switch One Channel: 20m??Status Feedback
2003-Oct-01
BTS716G INFINEON-BTS716G Datasheet
402Kb / 14P
Smart High-Side Power Switch Four Channels: 4 x 140m??Status Feedback
2003-Oct-01
BTS724G INFINEON-BTS724G Datasheet
402Kb / 14P
Smart High-Side Power Switch Four Channels: 4 x 90m??Status Feedback
2003-Oct-01
BTS728L2 INFINEON-BTS728L2 Datasheet
389Kb / 14P
Smart High-Side Power Switch Two Channels: 2 x 60m??Status Feedback
2003-Oct-01
BTS736L2 INFINEON-BTS736L2 Datasheet
383Kb / 14P
Smart High-Side Power Switch Two Channels: 2 x 40m??Status Feedback
2003-Oct-01
BTS824R INFINEON-BTS824R Datasheet
334Kb / 14P
Smart High-Side Power Switch Four Channels: 4 x 90m??Status Feedback
2003-Oct-01
logo
Siemens Semiconductor G...
BTS728L2 SIEMENS-BTS728L2 Datasheet
241Kb / 14P
Smart High-Side Power Switch Two Channels: 2 x 60mW Status Feedback
BTS428L2 SIEMENS-BTS428L2 Datasheet
88Kb / 12P
Smart High-Side Power Switch One Channel:60m-ohm Status Feedback
logo
Infineon Technologies A...
BTF50060-1TEA INFINEON-BTF50060-1TEA_11 Datasheet
1Mb / 38P
Smart High-Side Power Switch, One Channel
Rev. 1.2, 2011-09-01
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com